Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 14 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 10Page - Texas Instruments PTIOL221RGER Datasheet HTML 11Page - Texas Instruments PTIOL221RGER Datasheet HTML 12Page - Texas Instruments PTIOL221RGER Datasheet HTML 13Page - Texas Instruments PTIOL221RGER Datasheet HTML 14Page - Texas Instruments PTIOL221RGER Datasheet HTML 15Page - Texas Instruments PTIOL221RGER Datasheet HTML 16Page - Texas Instruments PTIOL221RGER Datasheet HTML 17Page - Texas Instruments PTIOL221RGER Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
CQ
RX
50%
50%
tPLH
tPHL
Figure 6-5. Receiver Switching Measurements
CQ
RX1
high
tWU1 < t < tWU2
tpWAKE
CQ
RX1
high
> tSC
CQ
RX1
NFLT1
high
high
< tWU1
a) Over-current due to transient
b) Valid Wake-up pulse
c) Over-current due to fault condition
EN1
high
EN1
high
EN1
tWUL
WU
WU
WU
NFLT1
NFLT1
Figure 6-6. Overcurrent and Wake Conditions for EN = H and ILIM_ADJ = 10kΩ to 110kΩ,
TX = H (Full Lines); and TX = L (Red Dotted Lines)
CQ
RX1
NFLT1
tpWAKE
CQ
RX1
NFLT1
high
CQ
RX1
NFLT1
high
a) Over-current due to transient
b) Valid Wake-up pulse
c) Over-current due to fault condition
tpF1
tpF2
tpF1
tpF2
tpF1
tpF2
< tWU1
tWU1 < t < tWU2
> tSC
tWUL
WU
WU
WU
Figure 6-7. Overcurrent and Wake Conditions for EN = H and ILIM_ADJ is floating, TX = H (Full Lines);
and TX = L (Red Dotted Lines)
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com