Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 9 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 5Page - Texas Instruments PTIOL221RGER Datasheet HTML 6Page - Texas Instruments PTIOL221RGER Datasheet HTML 7Page - Texas Instruments PTIOL221RGER Datasheet HTML 8Page - Texas Instruments PTIOL221RGER Datasheet HTML 9Page - Texas Instruments PTIOL221RGER Datasheet HTML 10Page - Texas Instruments PTIOL221RGER Datasheet HTML 11Page - Texas Instruments PTIOL221RGER Datasheet HTML 12Page - Texas Instruments PTIOL221RGER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
5.7 Switching Characteristics
Over recommended operating conditions and recommended free-air temperature range (unless otherwise noted). Typical
values are at LP = 24 V, VVOUT = 3.3 V and TA = 25 ℃ unless otherwise specified.
PARAMETER
TEST CONDITIONS
TEST
CONDITI
ONS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CQ, DO DRIVER
tPLH
Driver propagation delay,
low-to-high transition
See Test Circuit for Driver Output Measurements
and Driver Output Switching Waveforms
RL = 2 kΩ
CL = 5 nF
Push-pull and PNP configuration
RSET = 10 kΩ
600
1200
ns
tPHL
Driver propagation delay,
high-to-low transition
See Test Circuit for Driver Output Measurements
and Driver Output Switching Waveforms
RL = 2 kΩ
CL = 5 nF
Push-pull and NPN configuration
RSET = 10 kΩ
600
1200
ns
tP(skew)
Driver propagation delay
skew. |tPLH - tPHL |
See Test Circuit for Driver Output Measurements
See Driver Output Switching Waveforms
RL = 2 kΩ
CL = 5 nF
Push-pull configuration
RSET = 10 kΩ
120
ns
tPZH
Driver enable delay high
See Test Circuit for Driver Output Measurements
and
Driver Enable/Disable Timing Diagrams
RL = 2 kΩ
CL = 5 nF
Push-pull and PNP configuration only
RSET = 10 kΩ
4
µs
tPZL
Driver enable delay low
See Test Circuit for Driver Output Measurements
and
Driver Enable/Disable Timing Diagrams
RL = 2 kΩ
CL = 5 nF
Push-pull and NPN configuration only
RSET = 10 kΩ
4
µs
tPHZ
Driver disable delay high
See Test Circuit for Driver Output Measurements
and
Driver Enable/Disable Timing Diagrams
RL = 2 kΩ
CL = 5 nF
Push-pull and PNP configuration only
RSET = 10 kΩ
4
µs
tPLZ
Driver disable delay low
See Test Circuit for Driver Output Measurements
and
Driver Enable/Disable Timing Diagrams
RL = 2 kΩ
CL = 5 nF
Push-pull and NPN configuration only
RSET = 10 kΩ
4
µs
tr
Driver output rise time
See Test Circuit for Driver Output Measurements
and Driver Output Switching Waveforms
RL = 2 kΩ
CL = 5 nF
Push-pull and PNP configuration
RSET = 10 kΩ
200
530
900
ns
tf
Driver output fall time
See Test Circuit for Driver Output Measurements
and Driver Output Switching Waveforms
RL = 2 kΩ
CL = 5 nF
Push-pull and NPN configuration
RSET = 10 kΩ
200
480
900
ns
www.ti.com
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com