Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 7 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 3Page - Texas Instruments PTIOL221RGER Datasheet HTML 4Page - Texas Instruments PTIOL221RGER Datasheet HTML 5Page - Texas Instruments PTIOL221RGER Datasheet HTML 6Page - Texas Instruments PTIOL221RGER Datasheet HTML 7Page - Texas Instruments PTIOL221RGER Datasheet HTML 8Page - Texas Instruments PTIOL221RGER Datasheet HTML 9Page - Texas Instruments PTIOL221RGER Datasheet HTML 10Page - Texas Instruments PTIOL221RGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
5.6 Electrical Characteristics (continued)
Over recommended operating conditions and recommended free-air temperature range (unless otherwise noted). Typical
values are at LP = 24 V, VVOUT = 3.3 V and TA = 25 ℃ unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVVOUT3F
Falling UV threshold on VOUT
(3.3V setting)
VSEL connected to GND or Floating(V5IN supplied),
VOUT falling
2.5
2.7
2.9
V
UVVOUT3R
Rising UV threshold on VOUT
(3.3V setting)
VSEL connected to GND or Floating(V5IN supplied),
VOUT rising
2.6
2.8
3.0
V
PSSR
Power Supply Rejection Ratio
100 kHz, I(VCC_OUT) = 20 mA
40
dB
DRIVER OUTPUT (CQ, DO)
RDSON-HS
High-side driver on-resistance
ILOAD = 200 mA, Current Limit =
300 mA
2.5
4.5
Ω
RDSON-LS
Low-side driver on-resistance
ILOAD = 200 mA, Current Limit =
300 mA
2.5
4.5
Ω
IO(LIM)
Driver output current limit
SPI/PIN = LOW
V(DRIVER)= (VLP - 3) V or 3V,
RSETx = 110 kΩ
35
55
70
mA
RSETx = 10 kΩ
300
350
400
mA
RSETx = 0 to 5 kΩ
500
mA
RSETx = OPEN
260
330
415
mA
IO(LIM)
Driver output current limit
SPI/PIN = HIGH,
V(DRIVER)= (VLP - 3) V or 3V,
3h[7:6]= 0h
35
60
75
mA
3h[7:6]= 1h
50
75
95
mA
3h[7:6]= 2h
100
140
175
mA
3h[7:6]= 3h
150
190
260
mA
3h[7:6]= 4h
200
230
330
mA
3h[7:6] = 5h
250
290
410
mA
3h[7:6] = 6h
300
350
485
mA
3h[7:6]= 7h
500
700
mA
IOZ(CQ)
CQ leakage
EN1 = LOW, 0 ≤ V(CQ) ≤ (V(LP) - 0.1 V)
–2
2
µA
ILLM(CQ)
CQ load discharge current
EN1 = LOW, RSET1 = 0 to 5 kΩ (1), V(CQ) >= 5 V
5
8.5
15
mA
ILLM(DO)
DO load discharge current
EN2 = LOW, RSET2 = 0 to 5 kΩ; V(DO) >= 5 V
5
8.5
15
mA
IPU-DO
DO driver weak pull-up current
SPI/PIN=HIGH,
EN2=LOW, TX2=HIGH, RSET2:
10 kΩ to 110 kΩ AND Weak pull-
up enabled (SPI mode only)
0 ≤ V(DO) ≤
(V(LP) - 2 V)
40
50
80
µA
IPD-DO
DO driver weak pull-down current
(SPI/PIN=HIGH, EN2=LOW,
TX2=LOW, RSET2: 10 kΩ to
110 kΩ
AND Weak pull-up enabled (SPI
mode only)
2 ≤ V(DO) ≤ V(LP)
40
50
80
µA
IPU-CQ
CQ driver weak pull-up current
Driver disabled, Weak pull-up
enabled (SPI mode)
0 ≤ V(CQ) ≤
(V(LP) - 2 V)
40
50
80
µA
IPD-CQ
CQ driver weak pull-down current
Driver disabled, Weak pull-down
enabled (SPI mode)
2 ≤ V(CQ) ≤ V(LP)
40
50
80
µA
RECEIVER INPUT (CQ, DI)
V(THH)
Input threshold “H”
V(LP) > 18 V, EN= LOW
10.5
13
V
V(THL)
Input threshold “L"
8
11.5
V
V(HYS)
Receiver Hysteresis
(V(THH) - V(THL))
0.75
V
V(THH)
Input threshold “H”
V(LP) < 18 V, EN= LOW
See Note (2)
See Note (3)
V
V(THL)
Input threshold “L"
V(LP) < 18 V, EN= LOW
See Note (4)
See Note (5)
V
V(HYS)
Receiver Hysteresis
(V(THH) - V(THL))
0.75
V
CIN-CQ
CQ input capacitance
CQ driver disabled, weak pull-up/
pull-down disabled, f =100kHz
150
pF
CIN-DI
DI input capacitance
f =100kHz
100
pF
www.ti.com
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com