Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 20 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 20 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 16Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 17Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 18Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 19Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 20Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 21Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 22Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 23Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 24Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Preliminary Data Sheet
20
AMCC Proprietary
Revision 1.26 – October 15, 2007
Assembly Recommendations
Profile Feature
Sn-Pb Eutectic Assembly
Pb Free Reflow Assemble
Average ramp-up rate
3
°C/Second Max
3
°C/Second Max
Preheat
•
Temperature Min
•
Temperature Max
•
Time (min to max)
100
°C
150
°C
60-120 Seconds
150
°C
180
°C
60-120 Seconds
Time Maintained Above:
•
Temperature
•Time
183
°C
60-150 Seconds
230
°C
30-50 Seconds
Peak Temperature
225 +0/-5
°C
260 +5/-0
°C
Time within 5
°C of Actual Peak Temperature
10-30 Seconds
10-20 Seconds
Ramp-down Rate
6
°C/Second Max
6
°C/Second Max
Time 25
°C to Peak Temperature
6 Minutes Max
8 Minutes Max
Sn-Pb Eutectic Assembly
Pb Free Reflow Assembly
MSL Level
3
3
Solder Ball Metallurgy
63Sn/37Pb
Sn/4Ag/05Cu
Table 3. Recommended Reflow Soldering Profile
Table 4. JEDEC Moisture Sensitivity Level and Ball Composition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com