Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 77 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 77 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 73Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 74Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 75Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 76Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 77Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 78Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 79Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 80Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 81Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
77
Preliminary Data Sheet
PerClk (and OPB Clock) frequency (for ext. master or sync.
slaves)
33.33MHz
83.33
MHz
PerClk period
12
30
ns
PerClk high time
50% of nominal period
66% of nominal period
ns
PerClk low time
33% of nominal period
50% of nominal period
ns
UARTSerClk frequency
–
1000 / (2TOPB
1+2ns)
MHz
1
UARTSerClk period
2TOPB
1+2
–
ns
1
UARTSerClk high time
TOPB
1+1
–
ns
1
UARTSerClk low time
TOPB
1+1
–
ns
1
USB2Clk frequency
60
60
MHz
3
USB2Clk period
16.66
16.66
ns
3
USB2XtalIn/USB2XtalOut frequency
12
48
MHz
3
USB2XtalIn/USB2XtalOut period
20.8
83.33
ns
3
USB2XtalIn/USB2XtalOut high time
40% of nominal period
60% of nominal period
ns
USB2XtalIn/USB2XtalOut low time
40% of nominal period
60% of nominal period
ns
Table 19. Peripheral Interface Clock Timings (Sheet 2 of 3)
Parameter
Min
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com