Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 86 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 86 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 82Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 83Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 84Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 85Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 86Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 87Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 88Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 89Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 90Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Preliminary Data Sheet
86
AMCC Proprietary
Revision 1.26 – October 15, 2007
insertion buffer.
When using unbuffered DIMMS, the loading on the address bus will be considerably greater than the clock (up to
18 loads for double-sided DIMMs). In this case, it is strongly suggested that a delay of 500ps in the clock path so
that the Address/Command setup time at the DIMMs can be met. This delay is sufficient to meet the setup time,
without having to change the programmable delay (internal to the PPC440EPx) between the DQS/DQ/DM and the
clock (assuming nominal settings as specified in the PPC440EPx Users Manual). While the clock is now 500ps
later than the nominal DQS arrival time, this still falls well within the window allowed by the JEDEC spec for TDQSS
(± 0.25 cycle, or 1.5ns at 166MHz). In the case where it is not possible to anticipate which kind of DIMMs may be
employed in a system, it is always safe to use this 500ps clock delay, since registered DIMMs (the least heavily
loaded) will have more than enough margin (almost 1/2 cycle) to accommodate the slight decrease in address hold
time.
Termination Model
Figure 10. DDR SDRAM Simulation Signal Termination Model
10pF
10pF
MemClkOut
MemClkOut
120
Ω
50
Ω
30pF
Addr/Ctrl/Data/DQS/DM (DDR1)
VTT = SOVDD/2
PPC440EPx
Addr/Ctrl (DDR2)
Note: This diagram illustrates the model of the DDR SDRAM interface used when generating simulation timing data.
It is not a recommended physical circuit design for this interface. An actual interface design will depend on many
factors, including the type of memory used and the board layout.
DDR2 SDRAM On-Die Termination Impedance Setting
For all DDR2 applications, the On-Die Termination (ODT) impedance value must be set to 75 ohms in the DIMM
Extended Mode Register (EMR) in order to optimize the data transmission during memory write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com