Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 84 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 84 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 80Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 81Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 82Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 83Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 84Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 85Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 86Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 87Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 88Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 94 page
background image
Notes:
1. PerClk rising edge at package pin with a 10 pF load trails the internal PLB clock by approximately 1.3ns.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)
External Slave Peripheral Interface
DMAAck0:3
n/a
n/a
6
1
19.1
8.7
PerClk
DMAReq0:3
4
1
n/a
n/a
n/a
n/a
PerClk
EOT0:3/TC0:3
4
1
6
1
19.1
8.7
PerClk
PerAddr02:31
4
1
6
1
19.1
8.7
PerClk
PerBLast
4
1
6
1
19.1
8.7
PerClk
PerCS0:5
n/a
n/a
6
1
19.1
8.7
PerClk
PerData00:15
4
1
6
1
19.1
8.7
PerClk
PerData16:31
4
1
6
1
14.6
6.6
PerClk
PerOE
n/a
n/a
6
1
19.1
8.7
PerClk
PerReady
4
1
n/a
n/a
19.1
8.7
PerClk
PerR/W
4
1
6
1
19.1
8.7
PerClk
PerWBE0:1
4
1
6
1
19.1
8.7
PerClk
External Master Peripheral Interface
BusReq
n/a
n/a
6
1
19.1
8.7
PerClk
ExtAck
n/a
n/a
6
1
19.1
8.7
PerClk
ExtReq
4
1
n/a
n/a
19.1
8.7
PerClk
ExtReset
n/a
n/a
6
1
19.1
8.7
PerClk
HoldAck
n/a
n/a
6
1
19.1
8.7
PerClk
HoldReq
4
1
n/a
n/a
n/a
n/a
PerClk
HoldPri
4
1
n/a
n/a
n/a
n/a
PerClk
19.1
8.7
PLB Clk
1
PerErr
4
1
n/a
n/a
n/a
n/a
PerClk
NAND Flash Interface
NFALE
n/a
n/a
6
1
19.1
8.7
PerClk
NFCE0:3
n/a
n/a
6
1
19.1
8.7
PerClk
NFCLE
n/a
n/a
6
1
19.1
8.7
PerClk
NFRdyBusy
4
1
n/a
n/a
n/a
n/a
PerClk
NFREn
n/a
n/a
6
1
19.1
8.7
PerClk
NFWEn
n/a
n/a
6
1
19.1
8.7
PerClk
440EPx – PPC440EPx Embedded Processor
Preliminary Data Sheet
84
AMCC Proprietary
Revision 1.26 – October 15, 2007
Table 21. I/O Specifications—400MHz to 667MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com