Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 71 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 71 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 67Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 68Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 69Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 70Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 71Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 72Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 73Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 74Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 75Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
Parameter
Symbol
Typical 4
Maximum 5
Unit
Notes
VDD (+1.5V) active operating current
IDD
1575
3350
mA
OVDD (+3.3V) active operating current
IODD
60
70
mA
EOVDD (+2.5V) active operating current
IEODD
115
120
mA
SOVDD (+1.8V) DDR2 active operating current
2
ISODD2
210
300
mA
SOVDD (+2.5V) DDR1 active operating current
2
ISODD1
440
450
mA
AVDD (+1.5V) input current
1
IADD
20
30
mA
EAVDD (+1.5V) active operating current
IEADD
20
30
mA
1
UnAVDD (+3.3V) active operating current
IUADD
90
110
mA
1
Notes:
1. See “Absolute Maximum Ratings” on page 66 for filter recommendations.
2. SOVDD will be either +2.5V or +1.8V but not both.
3. The maximum current values listed above are not guaranteed to be the highest obtainable. These values are dependent on many
factors including the type of applications running, clock rates, use of internal functional capabilities, external interface usage, case
temperature, and the power supply voltages. Your specific application can produce significantly different results. VDD (logic) current and
power are primarily dependent on the applications running and the use of internal chip functions (DMA, PCI, Ethernet, and so on).
OVDD (I/O) current and power are primarily dependent on the capacitive loading, frequency, and utilization of the external buses.
4. Typical current is estimated at 667MHz with VDD = +1.5V, OVDD = +3.3V, EOVDD = +2.5V, SOVDD = +2.5V (DDR1) or +1.8V (DDR2),
and TC = +100°C with a typical process.
5. Maximum current is measured at 667MHz with VDD = +1.6V, OVDD = +3.45V, EOVDD = +2.6V, SOVDD = +2.6V (DDR1) or +1.9V
(DDR2), and TC = +100°C, and best-case process (which drives worst-case power).
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
71
Preliminary Data Sheet
Table 16. DC Power Supply Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com