Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 5 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 5 Page - Applied Micro Circuits Corporation

  440EPX Datasheet HTML 1Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 2Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 3Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 4Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 5Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 6Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 7Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 8Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
5
Preliminary Data Sheet
Ordering and PVR Information
For information on the availability of the following parts, contact your local AMCC sales office. For additional
information on the part number structure see Figure 1.
Product Name
Order Part Number
(see Notes)
Package
Revision
Level
PVR Value
JTAG ID
PPC440EPx
PPC440EPx-SpAfffTs
35mm, 680 TE-EPBGA
A
0x216218D0
0x0440F1E1
PPC440EPx
PPC440EPx-NpAfffTs
35mm, 680 TE-EPBGA
A
0x216218D4
0x0440F1E1
Notes: Characters following the dash (-):
1. S = Security feature present, N = Security feature not present
2. p = Package type: U = lead-free (RoHS compliant), T = contains lead.
3. A = Chip revision level A
4. fff = Processor frequency: 400 = 400MHz, 533 = 533MHz, 667 = 667MHz
5. T = Case temperature range of
−40°C to +100°C.
6. s = Shipping package type: Z = tape-and-reel. Blank = tray
Each part number contains a revision code. This is the die mask revision number and is included in the part
number for identification purposes only.
The PVR (Processor Version Register) and the JTAG ID register are software accessible (read-only) and contain
information that uniquely identifies the part. Refer to the PPC440EPx User’s Manual for details on accessing these
registers.
Figure 1. Order Part Number Key
AMCC Part Number
PPC440EPx-SUA667TZ
Package
Processor Frequency
Case Temperature Range
Revision Level
Shipping Package
Security Feature
Note: The example P/N above contains the security feature, is lead-free, is capable of running at 667MHz, and is shipped
in tape-and-reel packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com