Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 67 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 67 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 63Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 64Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 65Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 66Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 67Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 68Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 69Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 70Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 71Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
67
Preliminary Data Sheet
Input Logic High 3.3V PCI
VIH
0.5OVDD
OVDD+0.5
V
1
Input Logic High 3.3V LVTTL
+2.0
+3.6
V
Input Logic High 2.5V CMOS, 3.3V tolerant
+1.7
+3.6
V
Input Logic High 1.8V DDR2 (2.5V DDR1)
SVREF +
0.125 (0.15)
2.2 (3.0)
V
Input Logic Low 3.3V PCI
VIL
−0.5
0.35OVDD
V
1
Input Logic Low 3.3V LVTTL
0
+0.8
V
Input Logic Low 2.5V CMOS
0
+0.7
V
Input Logic Low 1.8V DDR2 (2.5V DDR1)
-0.3 (-0.3)
SVREF −
0.125 (0.15)
V
Output Logic High 3.3V PCI
VOH
0.9OVDD
-
V
1
Output Logic High 3.3V LVTTL
+2.4
+3.6
V
Output Logic High 2.5V CMOS
+2.0
+2.7
V
Output Logic High 1.8V DDR2 (2.5V DDR1)
+0.95 (+1.7)
+1.95 (+2.7)
V
5
Output Logic Low 3.3V PCI
VOL
-
0.1OVDD
V
1
Output Logic Low 3.3V LVTTL
0
+0.4
V
Output Logic Low 2.5V CMOS
0
+0.4
V
Output Logic Low 1.8V DDR2 (2.5V DDR1)
0
+0.43 (+0.54)
V
5
Input Leakage Current (no pull-up or pull-down)
IIL1
0
0
μA
Input Leakage Current for pull-down
IIL2
0 (LPDL)
200 (MPUL)
μA
Input Leakage Current for pull-up
IIL3
−150 (LPDL)
0 (MPUL)
μA
Input Max Allowable Overshoot 3.3V LVTTL
VIMAO
+3.9
V
Input Max Allowable Undershoot 3.3V LVTTL
VIMAU
−0.6
V
Output Max Allowable Overshoot 3.3V LVTTL
VOMAO
+3.9
V
Output Max Allowable Undershoot 3.3V LVTTL
VOMAU3
−0.6
V
Case Temperature
TC
−40
+100
°C
6
Notes:
1. PCI drivers meet PCI specifications.
2. SVREF = SOVDD/2. SOVDD = +1.8V for DDR2 memory or +2.5V for DDR1 memory.
3. The analog voltages used for the on-chip PLLs can be derived from the logic voltage, but must be filtered before entering the
PPC440EPx. See “Absolute Maximum Ratings” on page 66.
4. Startup sequencing of the power supply voltages is not required. A power-down cycle must complete (OVDD and VDD are below
+0.4V) before a new power-up cycle is started
5. At IOH = IOL= 10ma.
6. Case temperature, TC, is measured at top center of case surface with device soldered to a circuit board.
Table 10. Recommended DC Operating Conditions (Sheet 2 of 2)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com