Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 72 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 72 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 68Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 69Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 70Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 71Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 72Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 73Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 74Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 75Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 76Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
Thermal resistance values for the TE-PBGA package in a convection environment at 6.3W are as follows:
Parameter
Symbol
Airflow
ft/min
(m/sec)
Unit
Notes
0
(0)
100
(0.51)
200
(1.02)
300
(1.53
400
(2.04)
500
(2.55)
Junction-to-ambient thermal resistance
without heat sink
θ
JA
13.1
11.7
10.9
10.5
10.3
10
°C/W
5
Junction-to-ambient thermal resistance
with heat sink
θ
JA
11.1
8.2
7.2
6.8
6.6
6.3
°C/W
5, 6
Resistance Value
Junction-to-case thermal resistance
θ
JC
3.5
°C/W
5
Junction-to-board thermal resistance
θ
JB
7.3
°C/W
5
Notes:
1. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board.
2. TA = TC − P×θCA, where TA is ambient temperature and P is power consumption.
3. TCMax = TJMax − P×θJC, where TJMax is maximum junction temperature (+125°C) and P is power consumption.
4. The preceding equations assume that the chip is mounted on a board with at least one signal and two power planes.
5. Values in the table were achieved using a JEDEC standard board with the following characteristics: 114.5mm x 101.6mm x 1.6mm, 4
layers. The board has 100 thermal vias (same as the number of thermal balls on the TE-PBGA package).
6. Values for an attached heat sink were achieved with a 35mm x 35mm x 15mm unit (see Thermal Management below), attached with a
0.1mm thickness of adhesive having a thermal conductivity of 1.3W/mK.
440EPx – PPC440EPx Embedded Processor
Preliminary Data Sheet
72
AMCC Proprietary
Revision 1.26 – October 15, 2007
Thermal Management
The following heat sink was used in the above thermal analysis:
ALPHA LPD35-15B (35mm x 35mm x15mm)
The heat sink is manufactured by:
Alpha Novatech, Inc. (www.alphanovatech.com)
473 Sapena Court, #12
Santa Clara, CA 95054
Phone: 408-567-8082
Table 17. Package Thermal Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com