Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 89 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 89 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 85Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 86Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 87Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 88Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 89Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 90Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 91Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 92Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 93Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 94 page
background image
Notes:
1. Clock speed is 166MHz. TSK is referenced to MemClkOut falling edge. TSA and THA are referenced to MemClkOut rising
edge.
2. The timing in this table assumes a single registered DIMM load on the outputs. To adjust the timing for unbuffered DIMMs,
use the following values by subtracting them from TSA and adding them to TSK and THA:
5 loads adjust by 0.41ns
9 loads adjust by 1.12ns
18 loads adjust by 2.12ns
3. To obtain adjusted TSA values for lower clock frequencies, use 1/2 of the cycle time for the lower clock frequency and subtract
TSK maximum (0.5TCYC − TSKmax).
4. To obtain adjusted THA values for lower clock frequencies, use 1/2 of the cycle time for the lower clock frequency and add
TSK minimum (0.5TCYC + TSKmin).
Signal Name
TSK (ns)
TSA (ns)
THA (ns)
Minimum
Maximum
Minimum
Minimum
MemAddr00:13
-0.960
-0.270
3.27
2.04
BA0:2
BankSel0:1
ClkEn
CAS
RAS
WE
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
89
Preliminary Data Sheet
Notes:
1. TSD and THD are measured under worst case conditions.
2. Clock speed for the values in the table is 166 MHz.
3. The time values in the table include 1/4 of a cycle at 166MHz (6ns x 0.25 = 1.5 ns).
4. To obtain adjusted TSD and THD values for lower clock frequencies, subtract 1.5 ns from the values in the table and add 1/4
of the cycle time for the lower clock frequency (for example, TSD − 1.5 + 0.25TCYC).
Signal Names
Reference Signal
TSD (ns)
THD (ns)
MemData00:07, DM0
DQS0
1.37
1.23
MemData08:15, DM1
DQS1
1.41
1.18
MemData16:23, DM2
DQS2
1.40
1.17
MemData24:31, DM3
DQS3
1.41
1.20
MemData32:39, DM4
DQS4
1.45
1.18
MemData40:47, DM5
DQS5
1.40
1.18
MemData48:55, DM6
DQS6
1.46
1.17
MemData56:63, DM7
DQS7
1.45
1.10
ECC0:7, DM8
DQS8
1.46
1.18
DDR SDRAM Read Operation
The read data capture logic is responsible for capturing the data outputs from the SDRAM devices and passing the
data back to the system clock domain. The data strobe signal (DQS) signals used to capture data are delayed to
ensure that the rising and falling edges of these strobes are in the middle of the valid window of data.
DDR devices send a DQS coincident with the read data so that the data can be reliably captured by the
PPC440EPx. The edges of these strobe signals are aligned with the data output by the SDRAM devices.
In order to reliably latch the data into a synchronizing FIFO, the PPC440EPx produces an internal, delayed version
of DQS. The amount of delay is user programmable. In the example shown in Figure 12, the delay is set to
approximately 25% of the system clock. A delay compensation circuit in the PPC440EPx keeps this delay
Table 25. I/O Timing—DDR SDRAM TSK, TSA, and THA
Table 26. I/O Timing—DDR SDRAM TSD and THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com