Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 92 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 92 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 86Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 87Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 88Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 89Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 90Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 91Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 92Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 93Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 94Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Preliminary Data Sheet
92
AMCC Proprietary
Revision 1.26 – October 15, 2007
Revision Log
Date
Version
Contents of Modification
06/01/2005
Initial creation of document.
06/03/2005
Add “Preliminary—Subject to Change” watermark.
07/06/2005
Change maximum NAND Flash to 256MB.
08/29/2005
Update with signal-to-pin assignment and I/O circuit type specifications.
09/12/2005
Replace existing DDR SDRAM information with new DDR2 SDRAM information.
10/03/2005
Implement updates from the 09/12 review.
10/05/2005
Misc. updates.
11/14/2005
1.07
Correct MemClkOut duty cycle.
Correct description and move PerErr signal from master to slave.
Change maximum VCO frequency to 1334MHz.
03/01/2006
1.08
Update corporate address and copyright date
Update available Ethernet interface configurations (no RMII).
03/15/2006
1.09
Add four peripheral data parity signals.
Change multiplexing of six GPIO signals.
Update DDR2 SDRAM data.
Adjust all other I/O timing.
04/05/2006
1.10
Misc. updates.
Remove Confidential status.
Correct OPB bridge information.
04/24/2006
1.11
Misc. updates.
Correct security function designation.
Add new power and current values.
05/12/2006
1.12
Misc. updates.
Remove data for 333MHz CPU speed.
Change all GPIOxx signals from alternate to primary.
Change UART designations to eliminate letter designations B, C, D.
05/15/2006
1.13
Misc. updates.
05/30/2006
1.14
Correct list containing balls by ball number.
Update power and temperature data.
Add clocking information.
Update EEPROM.
07/12/2006
1.15
Memory address corrections.
07/19/2006
1.16
Change and delete incorrect MemClkEn references.
Correct enable/disable specifications for PCI Gnt/Req signals.
11/02/2006
1.17
Change USB2Rext pull-down from 2.4k
Ω to 3.4kΩ
Change analog voltage filter circuit inductor part number.
Switch multiplex defaults for PerData16:31 from the USB signals to the PerData signals.
Correct I/O designation for some Ethernet signals.
Add thermal monitor information.
Provide corrected and additional information on USB crystal/oscillator inputs.
Remove leaded PNs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com