Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 64 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 64 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 60Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 61Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 62Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 63Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 64Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 65Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 66Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 67Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 68Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Preliminary Data Sheet
64
AMCC Proprietary
Revision 1.26 – October 15, 2007
System Interface
SysClk
Main system clock input.
I
3.3V tolerant
2.5V CMOS
1
SysErr
Set to 1 when a machine check is generated.
O
3.3V tolerant
2.5V CMOS
SysReset
Main system reset. External logic can drive this bidirectional pin
low (minimum of 16 cycles) to initiate a system reset. A system
reset can also be initiated by software. Implemented as an open-
drain output (two states; 0 or open circuit).
I/O
3.3V tolerant
2.5V CMOS
1, 2
Halt
Halt from external debugger.
I
3.3V LVTTL
Rcvr w/pull-up
TmrClk
Processor timer external input clock.
I
3.3V LVTTL
GPIO00:15
GPIO22:23
GPIO26:48
General purpose I/O. To access these functions, software must
set DCR register bits.
I/O
3.3V LVTTL
1
GPIO16:21
GPIO24:25
General purpose I/O. To access these functions, software must
set DCR register bits.
I/O
3.3V tolerant
2.5V CMOS
1
GPIO49:63
General purpose I/O. To access these functions, software must
set DCR register bits.
I/O
3.3V tolerant
2.5V CMOS
TestEn
Test Enable.
Note: Do not connect for normal operation.
I
3.3V LVTTL
Rcvr w/pull-
down
RcvrInh
Receiver Inhibit. Active only when TestEn is active. Used for
manufacturing test only.
I
3.3V LVTTL
1
ModeCtrl
Mode Control. Active only when TestEn is active. Used for
manufacturing test only.
I
3.3V tolerant
2.5V CMOS
Rcvr
1
LeakTest
LeakTest2
Leakage Test. Active only when TestEn is active. Used for
manufacturing test only.
I
3.3V LVTTL
w/pull-up
1
RefEn
Reference Enable. Active only when TestEn is active. Used for
manufacturing test only.
I
3.3V LVTTL
1
DrvrInh1:2
Driver Inhibit. Active only when TestEn is active. Used for
manufacturing test only. Tie up as specified in Note 2 for normal
operation.
I
3.3V LVTTL
w/pull-up
1
TherMonA:B
On-chip PNP thermal monitor transistor.
A is the emitter and B is the base. The collector is grounded.
I
Thermal
monitor
5
PSROOut
Module characterization and screening. Use for test purposes
only. Tie down as specified in Note 3 for normal operation.
O
Perf screen ring
oscillator
1, 3
Table 8. Signal Functional Description (Sheet 8 of 9)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to OV
DD (EOVDD for Ethernet)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to OV
DD (EOVDD for Ethernet)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com