Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 76 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 76 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 72Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 73Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 74Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 75Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 76Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 77Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 78Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 79Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 80Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Preliminary Data Sheet
76
AMCC Proprietary
Revision 1.26 – October 15, 2007
I/O Specifications
Table 19. Peripheral Interface Clock Timings (Sheet 1 of 3)
Parameter
Min
Max
Units
Notes
PCIClk frequency (asynchronous mode)
–
66.66
MHz
PCIClk period (asynchronous mode)
15
–
ns
PCIClk high time
40% of nominal period
60% of nominal period
ns
PCIClk low time
40% of nominal period
60% of nominal period
ns
GMCMDClk frequency
–
2.5
MHz
GMCMDClk period
400
–
ns
GMCMDClk high time
160
–
ns
GMCMDClk low time
160
–
ns
GMCTxClk frequency MII
2.5
25
MHz
GMCTxClk period MII
40
400
ns
GMCTxClk high time
35% of nominal period
–
ns
GMCTxClk low time
35% of nominal period
–
ns
GMCRxClk frequency MII
2.5
25
MHz
GMCRxClk period MII
40
400
ns
GMCRxClk high time
35% of nominal period
–
ns
GMCRxClk low time
35% of nominal period
–
ns
GMCRefClk frequency
–
125
MHz
GMCRefClk period
8
–
MHz
GMCRefClk high time
40% of nominal period
60% of nominal period
ns
2
GMCRefClk low time
40% of nominal period
60% of nominal period
ns
2
GMCRefClk Edge Stability (cycle-to-cycle jitter)
–
+0.15
ns
2
GMCRefClk Slew Rate
2
–
V/ns
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com