Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 78 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 78 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 74Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 75Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 76Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 77Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 78Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 79Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 80Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 81Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 82Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Preliminary Data Sheet
78
AMCC Proprietary
Revision 1.26 – October 15, 2007
TmrClk frequency
–
100
MHz
TmrClk period
10
–
ns
TmrClk high time
40% of nominal period
60% of nominal period
ns
TmrClk low time
40% of nominal period
60% of nominal period
ns
Notes:
1. TOPB is the period in ns of the OPB clock. The internal OPB clock runs at 1/2 the frequency of the PLB clock. The maximum OPB clock
frequency is 83 MHz.
2. An internal PLL improves this duty cycle to a worst case of 48% minimum, 52% maximum.
3. Crystals, external clocks, or external oscillators must have a maximum tolerance of ±100ppm and maximum jitter of ±100ps.Only a
frequencies of 48MHz is allowed for oscillators; only a frequencies of 48MHz is allowed for crystals. Crystals and oscillators should be
connected as shown below:
PPC440EPx
C
C
Crystal
USB2XtalIn
PPC440EPx
Osc
USB2XtalOUT
USB2XtalOut
USB2XtalIn
C = 2(CL − CStray) where
Crystal – Frequency: 48MHz
Resonance mode: parallel
CO: 15–30pF
ESR: 20-60
Ω
CL is the load capacitance required by the crystal for oscillation
CStray is the board parasitic capacitance
Drive level: 50–500
μW
Table 19. Peripheral Interface Clock Timings (Sheet 3 of 3)
Parameter
Min
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com