Electronic Components Datasheet Search
  English  ▼

X  

440EPX Datasheet(PDF) 70 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 70 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 66Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 67Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 68Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 69Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 70Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 71Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 72Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 73Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 74Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
Frequency (MHz)
+1.5V Supply
(VDD+AVDD+EAVDD)
+1.8V Supply
(SOVDD)
+2.5V Supply
(EOVDD)
+3.3V Supply
(OVDD+UAVDD)
Total
Unit
Notes
400
1.61
0.35
0.28
0.2
2.44
W
1
533
1.82
0.36
0.28
0.2
2.66
W
1
667
2.16
0.37
0.28
0.2
3.01
W
1
Notes:
1. Typical power is measured and is based on a nominal voltage of VDD = +1.5V, TC = 100°C, while running Linux and a test application
that exercises each function with representative traffic.
Frequency (MHz)
+1.5V Supply
(VDD+AVDD+EAVDD)
+1.8V Supply
(SOVDD)
+2.5V Supply
(SOVDD + EOVDD)
+3.3V Supply
(OVDD+UAVDD)
Total
Unit
Notes
400
1.69
na
1.33
0.2
3.22
W
1
533
1.88
na
1.35
0.2
3.43
W
1
667
2.20
na
1.37
0.2
3.77
W
1
Notes:
1. Typical power is measured and is based on a nominal voltage of VDD = +1.5V, TC = 100°C, while running Linux and a test application
that exercises each function with representative traffic.
Frequency (MHz)
+1.425V
+1.5V
+1.6V
Unit
Notes
400
1.49
1.69
2.00
W
1
533
1.64
1.88
2.21
W
1
667
1.94
2.20
2.78
W
1
Notes:
1. Power is measured and is based on VDD specified in the table and TC = 100°C, while running Linux and a test application that exercises
each function with representative traffic.
440EPx – PPC440EPx Embedded Processor
Preliminary Data Sheet
70
AMCC Proprietary
Revision 1.26 – October 15, 2007
Table 13. Typical DC Power Supply Requirements Using DDR2 Memory
Table 14. Typical DC Power Supply Requirements Using DDR1 Memory
Table 15. VDD Supply Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com