Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 5Page - Semtech Corporation SC2440 Datasheet HTML 6Page - Semtech Corporation SC2440 Datasheet HTML 7Page - Semtech Corporation SC2440 Datasheet HTML 8Page - Semtech Corporation SC2440 Datasheet HTML 9Page - Semtech Corporation SC2440 Datasheet HTML 10Page - Semtech Corporation SC2440 Datasheet HTML 11Page - Semtech Corporation SC2440 Datasheet HTML 12Page - Semtech Corporation SC2440 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Applications Information
Setting the Output Voltage
The regulator output voltage is set with an external
resistive divider (Figure 4) with its center tap tied to the
FB pin.
)
1
V
(
R
R
OUT
2
1
−
=
(1)
The percentage error due the input bias current of the
error amplifier is
V
1
)
R
R
(
100
nA
15
V
V
2
1
OUT
OUT
⎪⎢
⋅
⋅
−
=
∆
.
Example: Determine the output voltage error of a
V
5
V
OUT =
converter with
Ω
=
K
1
.
51
R
2
.
From (1),
Ω
=
−
⋅
Ω
=
K
205
)
1
5
(
K
1
.
51
R
1
%
061
.
0
V
1
)
K
205
K
1
.
51
(
100
nA
15
V
V
OUT
OUT
−
=
⎪⎢
⋅
⋅
−
=
∆
.
This error is at least an order of magnitude lower than
the ratio tolerance resulting from the use of 1% resistors
in the divider string.
Choosing the Operating Frequency
The free-running frequency of the master
master
master
master
master oscillator is
set with an external resistor from the ROSC pin to ground.
Channel frequency is one-half of that of the master
oscillator. A graph of channel
channel
channel
channel
channel frequency against R
OSC is
shown in the “Typical Performance Characteristics”.
Before choosing the operating frequency, tradeoffs
among efficiency, operating duty cycle, component size
and EMI interferences must be considered. High
frequency operation reduces the size of passive
components but switching losses are higher. Lowering
the switching frequency improves efficiency. However the
required inductor and capacitor are larger. Channel
frequencies between 1 and 2MHz are good compromises.
In order to quantify the tradeoff between switching
frequency and efficiency, the 12V to 5V DC-DC converter
in Figure 1 is modified to run at 500KHz and 2.5MHz
while keeping the inductor ripple current constant. The
modified component values are tabulated in Table 1 and
efficiencies at these frequencies are shown in Figure 5.
The efficiency of the 1.3MHz 5V regulator in Figure 1 is
also plotted for the ease of comparison. The efficiency
at 500KHz is only marginally higher than that at 1.3MHz.
The peak efficiency at 2.5MHz is only 2% lower compared
to those at lower frequencies.
VOUT
R2
R1
15nA
FB
SC2440
Figure 4. V
OUT is set with a Resistive Divider
f
)
z
H
M
(R
9 K
(
Ω)L
2 (µ )
HR
7 K
(
Ω)C
8
)
F
p
(C
9
)
F
p
(
5
.
06
.
3
5)
0
0
1
-
3
7
R
D
s
c
i
n
o
r
tl
i
o
C
(
0
14
.
2
10
7
42
2
3
.
10
.
5
1)
2
1
0
4
0
D
o
c
l
a
F
(
4
4
.
43
.
4
20
2
20
1
5
.
22
0
.
4)
7
R
2
-
3
4
R
C
a
d
i
m
u
S
(
7
.
24
.
2
30
2
20
1
Table 1. The 12V to 5V Converter in Figure 1 is modified
to run at Different Frequencies.
Efficiency vs Load Current
75
80
85
90
0.0
0.5
1.0
1.5
2.0
Load Current (A)
VIN=12V
VOUT=5V
2.5MHz
1.3MHz
500KHz
Figure 5. Efficiencies of 500KHz, 1.3MHz and 2.5MHz
12V to 5V Step-down Converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com