Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2440 Datasheet HTML 1Page - Semtech Corporation SC2440 Datasheet HTML 2Page - Semtech Corporation SC2440 Datasheet HTML 3Page - Semtech Corporation SC2440 Datasheet HTML 4Page - Semtech Corporation SC2440 Datasheet HTML 5Page - Semtech Corporation SC2440 Datasheet HTML 6Page - Semtech Corporation SC2440 Datasheet HTML 7Page - Semtech Corporation SC2440 Datasheet HTML 8Page - Semtech Corporation SC2440 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
www.semtech.com
SC2440
2.5 MHz Dual Switching Regulator
with Integrated 2A Switches
POWER MANAGEMENT
Revision: March 5, 2007
Description
Features
Applications
Typical Application Circuit
u Up to 2.5 MHz/Channel Programmable Switching
Frequency
u Fixed Frequency Current-mode Control
u Wide Input Voltage Range 2.8V to 20V
u Out of Phase Switching Reduces Ripple
u Cycle-by-cycle Current-limiting
u Independent Shutdown/soft-start Pins
u Independent Hiccup Overload Protection
u Independent Power-Good Indicators
u Two 2A Integrated Switches
u External Synchronization
u Thermal Shutdown
u Thermally Enhanced 16-pin TSSOP Package
The SC2440 is an adjustable frequency dual current-
mode switching regulator with 2A integrated switches.
Its high frequency operation allows the use of small
inductors and capacitors, resulting in very compact power
supplies. The SC2440 is suitable for next generation XDSL
modems requiring operating frequencies in excess of 1.5
MHz. The two channels operate at 180° out of phase
for reduced input voltage ripples. Separate soft start/
shutdown pins allow independent control and output
sequencing for latch-up prevention. The SC2440 can also
be externally synchronized up to 2.5 MHz per channel.
Current-mode PWM control allows fast transient
response with simple loop compensation. Cycle-by-cycle
current limiting and hiccup overload protection reduce
power dissipation during overload.
u XDSL and Cable Modems
u Set-up Boxes
u Point of Load Applications
u CPE Equipment
u DSP Power Supplies
u Disk Drives
C15
10
µF
R3
40.2K
SC2440
GND
SS2
IN
SW1
FB2
ROSC
COMP2
C9
10pF
R7
24.3K
BOOST1
C1
10
µF
BOOST2
SW2
L1
3.3
µH
C2
0.1
µF
L2
4.4
µH
C4
0.1
µF
PGOOD2
SS1
PGOOD1
COMP1
FB1
C3
10
µF
D1
UPS120
D2
UPS120
R8
100K
R6
100K
R9
15K
OUT1
3.3V/2A
10K
R4
10K
R2
R1
23.3K
C7
22nF
C10
22nF
C8
220pF
C6
10pF
R5
15.4K
C5
470pF
D4
1N4148
SYNC
L1: Sumida CR43
L2: F alco D04012
OUT2
5V/2A
D3
1N4148
VIN
12V
Efficiency vs Load Current
Figure 1. 1.3MHz 12V to 3.3V and 5V Step-down Converter
50
55
60
65
70
75
80
85
90
95
0
0.5
1
1.5
2
Load Current (A)
VOUT2 = 5V
VOUT1 = 3.3V
VIN = 12V


Similar Part No. - SC2440

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440AEVB SEMTECH-SC2440AEVB Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440ATETRT SEMTECH-SC2440ATETRT Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
More results

Similar Description - SC2440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4972A STMICROELECTRONICS-L4972A_05 Datasheet
1Mb / 22P
2A SWITCHING REGULATOR
May-2005
logo
Vishay Siliconix
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
logo
Micrel Semiconductor
MIC4742 MICREL-MIC4742 Datasheet
596Kb / 23P
2 MHz Dual 2A Integrated Switch Buck Regulator
MIC4744 MICREL-MIC4744 Datasheet
718Kb / 23P
4 MHz Dual 2A Integrated Switch Buck Regulator
MIC4782 MICREL-MIC4782 Datasheet
666Kb / 23P
1.8 MHz Dual 2A Integrated Switch Buck Regulator
logo
Vishay Siliconix
DG787 VISHAY-DG787 Datasheet
149Kb / 10P
300-MHz, 2.5-ohm, Dual SPDT Analog Switches
28-Sep-09
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
logo
Semtech Corporation
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
logo
Vishay Siliconix
DG3516 VISHAY-DG3516_V01 Datasheet
180Kb / 11P
300 MHz, 2.5 Ω, Dual SPDT Analog Switches
13-Jun-11
DG787 VISHAY-DG787_V01 Datasheet
149Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
28-Sep-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com