Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 15Page - Semtech Corporation SC2440 Datasheet HTML 16Page - Semtech Corporation SC2440 Datasheet HTML 17Page - Semtech Corporation SC2440 Datasheet HTML 18Page - Semtech Corporation SC2440 Datasheet HTML 19Page - Semtech Corporation SC2440 Datasheet HTML 20Page - Semtech Corporation SC2440 Datasheet HTML 21Page - Semtech Corporation SC2440 Datasheet HTML 22Page - Semtech Corporation SC2440 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Applications Information
(
) 

+
+


+
=
11
2
1
1
11
2
1
2
OUT
FB
C
R
R
s
1
R
sC
1
R
R
R
v
v
(9)
and
(
)
(
) (
)
5
6
O
5
5
5
O
MA
FB
COMP
R
sC
1
R
sC
1
R
sC
1
R
G
v
v
+
⋅
+
+
≈
(10)
provided that
6
5
C
C >>
and
5
O
R
R >>
.
In Equation (10), C
5 forms a low frequency pole p1 with
the output resistance R
O of the error amplifier and C6
forms a high frequency pole p
3 with R5. Using the
component values shown in Figure 1 for the 12V to 3.3V
regulator (1.3MHz),
Ω
=
Ω
µ
=
=
−
M
6
.
1
280
dB
53
ce
tan
c
Transcondu
Gain
Loop
Open
Amplifier
R
1
O
Hz
210
Krads
3
.
1
pF
470
M
6
.
1
1
C
R
1
1
5
O
1
p
−
=
−
=
•
Ω
−
=
−
=
ω
−
MHz
0
.
1
Mrads
5
.
6
pF
10
K
4
.
15
1
C
R
1
1
6
5
3
p
−
=
−
=
•
Ω
−
=
−
=
ω
−
Bode Plots of Control-to-Ouput, Output-to-Control and the Overall Loop
Gain. Control-to-output transfer function is shown with two poles near
half the switching frequency ω
S.
Figure 13.
2
p
ω
1
OUT C
R
n
5
OC
R
1
1
p
ω
3
p
ω
6
5C
R
1
5
5C
R
1
1
Z
ω
C
ω
ω
Gain
2
S
ω
OUT
MPR
G


+
2
1
2
O
MA
R
R
R
R
G


+
2
1
2
5
MA
R
R
R
R
G
n
R
C OUT
1
C
ω
)
j(
T ω
OUT
COMP
v
v
Control-to-Output
Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com