Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 7Page - Semtech Corporation SC2440 Datasheet HTML 8Page - Semtech Corporation SC2440 Datasheet HTML 9Page - Semtech Corporation SC2440 Datasheet HTML 10Page - Semtech Corporation SC2440 Datasheet HTML 11Page - Semtech Corporation SC2440 Datasheet HTML 12Page - Semtech Corporation SC2440 Datasheet HTML 13Page - Semtech Corporation SC2440 Datasheet HTML 14Page - Semtech Corporation SC2440 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
output voltage will not be able to reach its set value in
continuous-conduction mode.
Example: Determine the maximum operating frequency
of a dual 3.3V to 1.8V and 3.3V to 2.5V switching
regulator using the SC2440.
Assuming that V
D = 0.45V, VCESAT = 0.25V and VIN = 2.97V
(10% low line), the duty ratios
1
D and
2
D of the 1.8V
and 2.5V converters can be calculated using (2).
71
.
0
25
.
0
45
.
0
97
.
2
45
.
0
8
.
1
D1
=
−
+
+
=
93
.
0
25
.
0
45
.
0
97
.
2
45
.
0
5
.
2
D2
=
−
+
+
=
.
The maximum operating frequencies of the 1.8V and the
2.5V converters are therefore
MHz
4
.
2
ns
120
D
1
1
=
−
and
KHz
580
ns
120
D
1
2
=
−
respectively..
Transient headroom requires that channel frequency be
lower than 580KHz.
External Synchronization
The SYNC input buffer is positive-edge triggered and TTL-
compatible (
V
8
.
0
VIL <
and
V
2
VIH >
). The free-running
master oscillator generates a periodic sawtooth ramp
between two threshold voltages. A faster external clock
applied to the SYNC pin discharges the internal ramp
before it reaches its upper threshold, thus locking the
internal oscillator. As shown in Figure 2, the master
oscillator is being synchronized not the individual phases
(see Figure 2). The synchronizing frequency should be
twice
twice the desired channel
channel frequency. Bench test shows
that an external clock with frequency ranging from slightly
below twice to at least 3.5 times the channel
channel free-
running frequency is capable of locking the master
oscillator. To ensure frequency locking, the external clock
frequency should be at least twice
twice the highest
highest free-
running channel
channel frequency. The frequency of the
synchronizing clock should not be higher than 1.6 times
Applications Information
the set frequency of master oscillator because the
amplitudes of the internal sawtooth ramp and slope
compensation ramp will both be significantly reduced.
Example: Choose the value of R
OSC to externally
synchronize the SC2440 to 2MHz per channel
channel.
The required synchronizing clock frequency = 2 times
the channel frequency = 4MHz.
For a given R
OSC, the free-running channel
channel frequency
has a tolerance of ±15%.
Set the nominal free-running channel
channel frequency to
MHz
73
.
1
15
.
1
MHz
2
=
to ensure locking.
Looking up the graph “Channel Frequency vs. R
OSC” in
the Typical Characteristics, R
OSC = 9.31KΩ for a set
frequency of 1.73MHz.
With ±15% tolerance, the set channel frequency can vary
from
(
)
MHz
47
.
1
73
.
1
85
.
0
=
⋅
to
(
) MHz
2
73
.
1
15
.
1
=
⋅
.
Therefore
36
.
1
47
.
1
2
Frequency
running
Free
Lowest
Frequency
ing
Synchroniz
=
=
−
.
Inductor Selection
The inductor ripple current ∆I
L for a non-synchronous
step-down converter in continuous-conduction mode is
fL
)
V
V
V
(
)
V
V
V
)(
V
V
(
fL
)
D
1
)(
V
V
(
I
CESAT
D
IN
CESAT
OUT
IN
D
OUT
D
OUT
L
−
+
−
−
+
=
−
+
=
∆
(3)
where f is the switching frequency and L is the
inductance.
In current-mode control, the slope of the modulating
(sensed switch current) ramp should be steep enough
to lessen jittery tendency but not so steep that large
flux swing decreases efficiency. Inductor ripple current
∆I
L between 25-40% of the peak inductor current limit is
a good compromise. Inductors so chosen are optimized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com