Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2440 Datasheet HTML 1Page - Semtech Corporation SC2440 Datasheet HTML 2Page - Semtech Corporation SC2440 Datasheet HTML 3Page - Semtech Corporation SC2440 Datasheet HTML 4Page - Semtech Corporation SC2440 Datasheet HTML 5Page - Semtech Corporation SC2440 Datasheet HTML 6Page - Semtech Corporation SC2440 Datasheet HTML 7Page - Semtech Corporation SC2440 Datasheet HTML 8Page - Semtech Corporation SC2440 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Electrical Characteristics (Cont.)
Unless specified: -40°C < T
A < 85°C, -40°C < TJ< 105°C, ROSC = 12.1KΩ, VSYNC = 0, VIN = 5V, VBOOST = 8V
Parameter
Conditions
Min
Typ
Max
Units
COMP Switching Threshold
0.7
1.1
1.3
V
COMP Maximum Voltage
V
FB = 0.9V
2.2
V
Channel Switching Frequecy
1.2
1.4
1.6
MHz
Maximum Duty Cycle
(Note 2)
80
90
%
Switch Current Limit
V
FB = 0.9V, VSS = 2.3V, COMP Pin Open
2
2.6
A
Switch Saturation Voltage
I
SW = -2A
0.3
0.48
V
Switch Leakage Current
10
µA
Minimum Boost Voltage
I
SW = -2A
1.8
2.5
V
Boost Pin Current
I
SW = -0.5A
20
30
mA
I
SW = -2A
60
80
mA
Minimum Soft-Start Voltage to Exit
Shutdown
SS1 Tied to SS2
0.2
0.4
0.7
V
Soft-start Charging Current
V
SS = 0V
2
µA
V
SS = 1.5V
1.8
µA
Soft-start Discharging Current
V
SS = 1.5V
0.8
µA
Minimum Soft-start Voltage to
Enable Overload Shutoff
V
SS Rising
2
V
FB Overload Threshold
V
SS = 2.3V, VFB Falling
0.74
V
Soft-start Voltage to Restart
Switching After Overload Shutoff
V
SS Falling
0.7
1
1.3
V
Power Good Threshold Below FB
V
FB Rising
80
100
120
mV
Power Good Output Low Voltage
V
FB = 0.8V, IPGOOD = 250µA
0.2
0.4
V
Power Good Pin Leakage Current
V
PGOOD = 5V
0.1
1
µA
SYNC Input High Voltage
2
V
SYNC Input Low Voltage
(Note 1)
0.8
V
SYNC Frequency
SYNC Frequency = 2 X Channel
Frequency. (Note 1)
3.4
5
MHz
SYNC Pin Input Current
V
SYNC = 2V
60
75
µA
Thermal Shutdown Temperature
155
°C
Thermal Shutdown Hysteresis
10
°C
Notes: (1) Guaranteed by design, not tested in production.
(2) The maximum duty cycle specified corresponds to 1.4MHz switching frequency. Duty cycles higher than those specified can be
achieved by lowering the operating frequency.
(3) This device is ESD sensitive. Use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com