Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 18Page - Semtech Corporation SC2440 Datasheet HTML 19Page - Semtech Corporation SC2440 Datasheet HTML 20Page - Semtech Corporation SC2440 Datasheet HTML 21Page - Semtech Corporation SC2440 Datasheet HTML 22Page - Semtech Corporation SC2440 Datasheet HTML 23Page - Semtech Corporation SC2440 Datasheet HTML 24Page - Semtech Corporation SC2440 Datasheet HTML 25Page - Semtech Corporation SC2440 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
25
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Typical Application Circuits
C16
1
µF
R3
40.2K
SC2440
GND
SS2
IN
SW1
FB2
ROSC
COMP2
C9
10pF
R7
11.8K
BOOST1
C1
10
µF
X 2
BOOST2
SW2
L1
15
µH
C2
0.1
µF
L2
6.8
µH
C4
0.1
µF
PGOOD2
SS1
PGOOD1
COMP1
FB1
C3
D1
UPS140
D2
UPS140
R8
100K
R6
100K
R9
51.1K
OUT1
5V/2A
49.9K
R4
51.1K
R2
R1
205K
C7
33nF
C10
33nF
C8
4.7nF
R5
22.1K
C5
2.2nF
D4
1N4148
SYNC
L1 : Coiltronic DR74
OUT2
1.8V/2A
D3
1N4148
VIN
20V
L2 : Coiltronic DR73
10
µF
X 2
C13
68pF
C12
10pF
C11
33pF
C6
10pF
C15
47
µF
C15 : 25V El ectrol ytic
All Other Capacitor are C eramic.
Figure 19(a). 540KHz 20V to 5V and 1.8V Step-down Converter. Notice that Channel 2 is Bootstrapped
from OUT1. This Bootstrapping Scheme Requires OUT1 to be Present at All Times (i.e. No Hiccup
or Shutdown). Channel 2 will still Run if OUT1 is Absent. However its Power Disspation will be High.
1µs/div
CH1 : SW1 Voltage, 10V/div
CH2 : SW2 Voltage, 10V/div
Figure 19(b). Switching Waveforms.
V
IN = 20V
I
OUT1 = 1A
I
OUT2 = 1A
CH1
CH2
4ms/div
Upper Trace : V
IN, 10V/div
Middle Trace : V
OUT1, 2V/div
Lower Trace : V
OUT2 , 1V/div
Figure 19(c). V
IN Start Up Transient. IOUT1= IOUT2= 1.5A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com