Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 14Page - Semtech Corporation SC2440 Datasheet HTML 15Page - Semtech Corporation SC2440 Datasheet HTML 16Page - Semtech Corporation SC2440 Datasheet HTML 17Page - Semtech Corporation SC2440 Datasheet HTML 18Page - Semtech Corporation SC2440 Datasheet HTML 19Page - Semtech Corporation SC2440 Datasheet HTML 20Page - Semtech Corporation SC2440 Datasheet HTML 21Page - Semtech Corporation SC2440 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Applications Information
is no voltage at the switching regulator output or current
in the PGOOD pull-up resistor. If the PGOOD output high
level (= V
OUT) is unacceptably low, then power good pull-
up from the input or a separate power supply will be the
only choice.
Sequencing the Outputs
As mentioned above, pulling either soft-start pin low with
an external transistor shuts off the corresponding
regulator (Figure 11). Releasing the soft-start pin enables
that channel and allows it to start. Delaying the release
of the soft-start pin of one channel with respect to the
other is a straightforward way of sequencing the outputs.
Figure 11(a) shows this method using two external
transistors M
1 and M2. M1 is turned off first, allowing
channel 1 to start. Channel 2 is then enabled after time
T
D.
The PGOOD output of one channel can also be used in
conjunction with the soft-start pin of the other channel
to delay start of that regulator. This method is depicted
in Figure 11(b). SS2 is pulled low and channel 2 is kept
off until channel 1 output rises to 90% of its set voltage.
A drawback of this approach is that only PGOOD2 is
available as a logic output.
Loop Compensation
Figure 12 shows a simplified equivalent circuit of a step-
down converter. The power stage, which consists of the
current-mode PWM comparator, the power switch, the
freewheeling diode and the inductor, feeds the output
network. The power stage can be modeled as a voltage-
controlled current source, producing an output current
proportional to its controlling input V
COMP.
Its
transconductance G
MP is 5.7Ω
-1
. With the current loop
closed, the control-to-output transfer function
COMP
OUT
v
v
has
a dominant-pole p
2 located at a frequency slightly higher
than that of the output filter pole.
1
OUT
1
OUT
OUT
2
p
C
R
n
C
V
nI
−
=
−
≈
ω
(8)
where C
1 is the output capacitor, ROUT is the equivalent
load resistance and n (depending on duty ratio, slope
compensation, frequency and passive components) is
usually between 1 and 2.
If C
1 is ceramic, then its ESR zero can be neglected as it
situates well beyond half the switching frequency. The
low frequency gain of the control-to-output transfer
function is simply the product of power stage
transconductance and the equivalent load resistance
(Figure 13).
The transfer functions of the feedback network and the
error amplifier are:
POWER
STAGE
GMP = 5.7
Ω
REFERENCE
VOLTAGE
1V
+
-
R5
C5
C6
RO
R2
COMP
R1
FB
C11
ESR
C1
R
OUT
VOUT
V
IN
I OUT
-1
GMA =
280
µΩ
-1
V
Figure 12. Simplified Control Loop Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com