Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 8Page - Semtech Corporation SC2440 Datasheet HTML 9Page - Semtech Corporation SC2440 Datasheet HTML 10Page - Semtech Corporation SC2440 Datasheet HTML 11Page - Semtech Corporation SC2440 Datasheet HTML 12Page - Semtech Corporation SC2440 Datasheet HTML 13Page - Semtech Corporation SC2440 Datasheet HTML 14Page - Semtech Corporation SC2440 Datasheet HTML 15Page - Semtech Corporation SC2440 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Applications Information
in size and DCR. Setting
A
6
.
0
)
2
(
3
.
0
IL
=
=
∆
,
V
45
.
0
VD =
and
V
25
.
0
VCESAT =
in (3),
f)
6
.
0
)(
2
.
0
V
(
)
25
.
0
V
V
)(
45
.
0
V
(
L
IN
OUT
In
OUT
+
−
−
+
=
(4)
where L is in µH and f is in MHz.
Equation (3) shows that for a given
,
V
OUT
L
I
∆ increases
as D decreases. If
IN
V varies over a wide range, then
choose L based on the nominal input voltage. Always
verify converter operation at the input voltage extremes.
The peak current limits of both SC2440 power transistors
are internally set at 2.6A. The peak current limits are
duty-cycle invariant and are guaranteed higher than 2A.
The maximum load current is therefore conservatively
2
I
A
2
2
I
I
I
L
L
LM
)
MAX
(
OUT
∆
−
=
∆
−
=
(5)
If
LM
L
I
3
.
0
I
⋅
=
∆
, then
LM
LM
LM
L
LM
)
MAX
(
OUT
I
85
.
0
2
I
3
.
0
I
2
I
I
I
⋅
=
−
=
∆
−
=
.
The saturation current of the inductor should be 20-30%
higher than the peak current limit (2A). Low-cost powder
iron cores are not suitable for high-frequency switching
power supplies due to their high core losses. Inductors
with ferrite cores should be used.
Input Capacitor
A buck converter draws pulse current with peak-to-peak
amplitude equal to its output current I
OUT from its input
supply. An input capacitor placed between the supply
and the buck converter filters the AC current and keeps
the current drawn from the supply to a DC constant. The
input capacitance C
IN should be high enough to filter the
pulse input current. Its equivalent series resistance (ESR)
should be low so that power dissipated in the capacitor
does not result in significant temperature rise and
degrade reliability. For a single channel buck converter,
the RMS ripple current in the input capacitor is
)
D
1
(
D
I
I
OUT
RMS
)
CIN
(
−
=
.
(6)
Power dissipated in the input capacitor is
)
ESR
(
I2RMS
)
CIN
(
⋅
.
Equation (6) has a maximum value of
2
IOUT
( at
2
1
D = ),
corresponding to the worst-case power dissipation
4
ESR
I2OUT ⋅
in C
IN.
A dual-channel step-down converter with interleaved
switching reduces the RMS ripple current in the input
capacitor to a fraction of that of a single-phase buck
converter. If both power transistors in the SC2440 were
to switch on in phase, the current drawn by the SC2440
would consist of current pulses with amplitude equal to
the sum of the channel output currents. If each channel
were delivering I
OUT and operating at 50% duty cycle, then
the input current would switch from zero to 2I
OUT. The
RMS ripple current in the input capacitor would then be
I
OUT. Power dissipated in CIN would be
ESR
I2OUT ⋅
, 4 times
that of a single-channel converter. The SC2440 produces
the highest RMS ripple current in C
IN when only one
channel is running and delivering the maximum output
current (
A
2
5
.
1 −
≈
). The input capacitor therefore should
have a RMS ripple current rating of at least 1A.
Multi-layer ceramic capacitors, which have very low ESR
(a few mΩ) and can easily handle high RMS ripple current,
are the ideal choice for input filtering. A single 4.7µF or
10µF X5R ceramic capacitor is adequate. For high voltage
applications, a small ceramic (1µF or 2.2µF) can be placed
in parallel with a low ESR electrolytic capacitor to satisfy
both the ESR and bulk capacitance requirements.
Output Capacitor
The output ripple voltage ∆V
OUT of a buck converter can
be expressed as


+
∆
=
∆
OUT
L
OUT
fC
8
1
ESR
I
V
(7)
where C
OUT is the output capacitance.
Inductor ripple current ∆I
L increases as D decreases
(Equation (3)). The output ripple voltage is therefore the
highest when V
IN is at its maximum. The first term in (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com