Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 18Page - Semtech Corporation SC2440 Datasheet HTML 19Page - Semtech Corporation SC2440 Datasheet HTML 20Page - Semtech Corporation SC2440 Datasheet HTML 21Page - Semtech Corporation SC2440 Datasheet HTML 22Page - Semtech Corporation SC2440 Datasheet HTML 23Page - Semtech Corporation SC2440 Datasheet HTML 24Page - Semtech Corporation SC2440 Datasheet HTML 25Page - Semtech Corporation SC2440 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Typical Application Circuits
C15
4.7
µF
R3
8.06K
SC2440
GND
SS2
IN
SW1
FB2
ROSC
COMP2
C9
22pF
R7
13.4K
BOOST1
C1
10
µF
BOOST2
SW2
L1
1.4
µH
C2
0.1
µF
L2
1.8
µH
C4
0.1
µF
PGOOD2
SS1
PGOOD1
COMP1
FB1
C3
20
µF
D1
UPS120
D2
UPS120
R8
100K
R6
100K
R9
15K
OUT1
3.3V/2A
10K
R4
10K
R2
R1
23.2K
C7
22nF
C10
22nF
C8
390pF
R5
15.4K
C5
390pF
D4
1N4148
SYNC
L1 & L2: Sumi da CR43
OUT2
1.8V/2A
D3
1N4148
VIN
5V
Figure 17(a). 1.3MHz 5V to 3.3V and 1.8V Step-down
Converter
Figures 17(b) and 17(c). Load Transient Response. I
OUT is switched between 0.3A and 1.75A.
20µs/div
Upper Trace : OUT1 Voltage, AC Coupled, 0.2V/div
Lower Trace : L
1 Inductor Current, 0.5A/div
(b)
OUT1
20µs/div
Upper Trace : OUT2 Voltage, AC Coupled, 0.2V/div
Lower Trace : L
2 Inductor Current, 0.5A/div
(c)
OUT2
Efficiency vs Load Current
50
55
60
65
70
75
80
85
90
95
0
0.5
1
1.5
2
Load Current (A)
VOUT2 = 1.8V
VOUT1 = 3.3V
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com