Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 12Page - Semtech Corporation SC2440 Datasheet HTML 13Page - Semtech Corporation SC2440 Datasheet HTML 14Page - Semtech Corporation SC2440 Datasheet HTML 15Page - Semtech Corporation SC2440 Datasheet HTML 16Page - Semtech Corporation SC2440 Datasheet HTML 17Page - Semtech Corporation SC2440 Datasheet HTML 18Page - Semtech Corporation SC2440 Datasheet HTML 19Page - Semtech Corporation SC2440 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Applications Information
the soft-start pins is pulled low, 105µA flows out of that
pin. Pulling both soft-start pins below 0.2V shuts off the
internal bias circuit of the SC2440. The total V
IN current
decreases to 38µA. In shutdown either SS pin sources
only 2µA. A fast charging circuit (enabled by the internal
bias circuit), which charges the soft-start capacitor below
1V, causes the difference in the soft-start pin currents.
If either SS pin is released in shutdown, the internal
current source pulls up on the SS pin. When this SS
voltage reaches 0.3V, the SC2440 turns on and the V
IN
quiescent current increases to 3.3mA. The current
flowing out of the other SS pin (which is still pulled low)
increases to 105µA. The fast charging circuit quickly pulls
the released soft-start capacitor to 1V (slightly below the
switching threshold). The fast charging circuit is then
disabled. A 1.8µA current source continues to charge
the soft-start capacitor (Figure 3). The soft-start voltage
ramp at the SS pin clamps the error amplifier output
(Figure 2). During regulator start-up, COMP voltage follows
the SS voltage. The converter starts to switch when its
COMP voltage exceeds 1.1V. The peak inductor current
gradually increases until the converter output comes into
regulation. Proper soft-start prevents output overshoot
during start-up. Current drawn from the input supply is
also well controlled. Notice that the inductor current, not
the converter output voltage, is ramped during soft-start.
Both soft-start capacitors are charged to a final voltage
of about 2.4V.
Figure 10(a). Normal Soft-start.
Fast
Charge
Output must be at
least 74% of its set
voltage in this
interval or the
regulator will
undergo shutdown
and restart
(hiccup).
Hiccup
Enabled
0.3V
1V
0
2V
2.4V
Switc hing Starts
VSS
1V
0.74V
VFB
0
1V
1V
2V
0.3V
0
Switc hing
Not Switchi ng
Switc hing
Not Switchi ng
0
0.74V
1V
VFB
VSS
VCOMP
Figure 10(b). Start-up Fails due to (i) Short Soft-start Duration or (ii) Output Overload or (iii)
Output Short-circuited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com