Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 18Page - Semtech Corporation SC2440 Datasheet HTML 19Page - Semtech Corporation SC2440 Datasheet HTML 20Page - Semtech Corporation SC2440 Datasheet HTML 21Page - Semtech Corporation SC2440 Datasheet HTML 22Page - Semtech Corporation SC2440 Datasheet HTML 23Page - Semtech Corporation SC2440 Datasheet HTML 24Page - Semtech Corporation SC2440 Datasheet HTML 25Page - Semtech Corporation SC2440 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
24
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Typical Application Circuits
C15
4.7
µF
SC2440
GND
SS2
IN
SW1
FB2
ROSC
COMP2
C9
10pF
R7
11.8K
BOOST1
C1
10
µF
BOOST2
SW2
L1
1.8
µH
C2
0.1
µF
L2
1
µH
C4
0.1
µF
PGOOD2
SS1
PGOOD1
COMP1
FB1
C3
22
µF
D1
UPS120
D2
UPS120
R8
100K
R9
12.1K
OUT1
2.5V/2A
4.02K
R11
R3
8.06K
20K
R2
R1
30.1K
C7
22nF
C10
22nF
C8
470pF
R5
14.7K
C5
470pF
D4
1N4148
SYNC
L1 & L2: Sumi da CR43
OUT2
0.8V/2A
D3
BAT-54
VIN
5V
C6
10pF
30.1K
R10
Figure 18(a). Producing an Output Lower than FB Voltage. 1.5MHz 5V to 2.5V and 0.8V Step-down Converter
R
3 is a pre-load to shunt the current from R10 and R11 before PGOOD1 releases SS2.
Figure 18(b). V
IN Start-up Transient (IOUT1 = IOUT2 = 1A).
2ms/div
CH1
CH2
CH3
CH4
Load Regulation
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
Load Current (A)
CH1 : OUT1 Voltage, 0.5V/div
CH4 : PGOOD2, 1V/div
CH2 : OUT2 Voltage, 1V/div
CH3 : SS2 Voltage, 1V/div
OUT1
OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com