Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 18Page - Semtech Corporation SC2440 Datasheet HTML 19Page - Semtech Corporation SC2440 Datasheet HTML 20Page - Semtech Corporation SC2440 Datasheet HTML 21Page - Semtech Corporation SC2440 Datasheet HTML 22Page - Semtech Corporation SC2440 Datasheet HTML 23Page - Semtech Corporation SC2440 Datasheet HTML 24Page - Semtech Corporation SC2440 Datasheet HTML 25Page - Semtech Corporation SC2440 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Applications Information
input pins. Shortening the traces of the SW and BOOST
nodes reduces the parasitic trace inductance at these
nodes. This not only reduces EMI but also decreases
switching voltage spikes at these nodes.
Figures 16(a) and 16(b) shows how various external
components are placed around the SC2440. The
frequency-setting resistor is placed next to the ROSC pin
on the backside. The resistor is grounded to the ground
plane, which is then tied to anodes of the freewheeling
diodes with vias. These precautions reduce switching
noise pickup at the ROSC pin.
To ensure proper adhesion to the ground plane, avoid
using vias directly under the device. In figure 15 two
12mil vias are placed at the edge of the underside pad.
IN
V
OUT
V
L
Z
Fast Switching Current Paths in a Buck
Regulator. Minimize the size of this loop
to reduce parasitic trace inductance.
Figure 15.
Suggested PCB Layout for the SC2440. Notice that there is no via directly under
the device and that the only component on the backside is the frequency-setting
resistor. All vias are 12mil in diameter.
Figure 16.
(a)
R9
GND
R9
GND
(b)
GND
VIN
C2
L2
D3
L1
C4
D4
D1
D2
C15
C1
C3
R3
R4
C9
C8
R7
R8
C7
R6
C6
C5
R5
R2
R1
VOUT2
VOUT1
GND
U1
C10
GND
GND
VIN
C2
L2
D3
L1
C4
D4
D1
D2
C15
C1
C3
R3
R4
C9
C8
R7
R8
C7
R6
C6
C5
R5
R2
R1
VOUT2
VOUT1
GND
U1
C10
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com