Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 16Page - Semtech Corporation SC2440 Datasheet HTML 17Page - Semtech Corporation SC2440 Datasheet HTML 18Page - Semtech Corporation SC2440 Datasheet HTML 19Page - Semtech Corporation SC2440 Datasheet HTML 20Page - Semtech Corporation SC2440 Datasheet HTML 21Page - Semtech Corporation SC2440 Datasheet HTML 22Page - Semtech Corporation SC2440 Datasheet HTML 23Page - Semtech Corporation SC2440 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Applications Information
In addition C
5 and R5 form a zero with angular frequency:
KHz
22
Krads
140
pF
470
K
4
.
15
1
C
R
1
1
5
5
1
Z
−
=
−
=
⋅
Ω
−
=
−
=
ω
−
The
output-to-control
transfer
function
OUT
FB
FB
COMP
OUT
COMP
v
v
v
v
v
v
⋅
=
is also shown in Figure 13. Its mid-
band gain (between z
1 and p3) is


+
2
1
2
5
MA
R
R
R
R
G
. The
overall loop gain T(s) is the product of the control-to-
output and the output-to-control transfer functions. To
simplify
)
j(
T ω Bode plot, the feedback network is
assumed to be resistive. If the overall loop gain is to
cross 0dB at one tenth of the switching frequency
(
5
f
10
S
C
π
=
ω
=
ω
) at –20dB/decade, then its mid-band gain
(between z
1 and p2) will be
n
10
R
C
R
C
n
10
OUT
1
S
OUT
1
S
2
p
c
ω
=
ω
=
ω
ω
.
This is also equal to


+
2
1
2
5
MA
OUT
MP
R
R
R
R
G
R
G
. Therefore
n
10
R
C
R
R
R
R
G
R
G
OUT
1
2
1
2
5
MA
OUT
MP
ω
=


+
.
Re-arranging,
MA
MP
1
S
2
1
5
G
nG
10
C
R
R
1
R
ω


+
=
(11)
ω
z1 is shown to be less than ωp2 in Figure 13. Making
2
p
1
z
ω
=
ω
gives a first-order estimate of C
5:
5
)
MIN
(
OUT
1
5
nR
R
C
C =
(12)
Notice that R
5 determines the mid-band loop gain of the
converter. Increasing R
5 increases the mid-band gain and
the crossover frequency. However it reduces the phase
margin. An estimate of R
5 and C5 can be obtained from
(11) and (12) with n=1. The compensation is then checked
by measuring the loop gain and the phase or by observing
the inductor current and the output voltage during load
transient. Choose the largest R
5 and the smallest C5 to
give at least 45° of phase margin. The corresponding
load transient should not show any ringing or excessive
overshoot (see Figures 14(c), 14(d), 17(b) and 17(c)). C
6
is a small ceramic capacitor (10-47pF) to roll off the loop
gain at high frequency. Feedforward capacitor C
11 boosts
phase margin over a limited frequency range and is
sometimes used to improve loop response. C
11 will be
more effective if
2
1
1
R
R
R

>>
.
Example: Determine the compensation components for
the 1.3MHz 12V to 5V and 3.3V converter in Figure 1.
For both channels,
1
S
Mrads
2
.
8
−
=
ω
,
A
2
I
)
MAX
(
OUT
=
and
F
10
C1
µ
=
. n is assumed to be 1 in (11) and (12).
For the 3.3V output:
Ω
=
×
⋅
⋅
⋅
⋅
×
 +
=
−
−
K
9
.
16
)
10
8
.
2
(
)
7
.
5
(
)
1
(
10
10
10
2
.
8
K
10
K
3
.
23
1
R
4
5
6
5
nF
1
)
A
2
(
K
9
.
16
)
1
(
V
3
.
3
10
C
5
5
=
⋅
⋅
⋅
=
−
For the 5V channel:
Ω
=
×
⋅
⋅
⋅
⋅
×
 +
=
−
−
K
5
.
25
)
10
8
.
2
(
)
7
.
5
(
)
1
(
10
10
10
2
.
8
K
10
K
2
.
40
1
R
4
5
6
7
nF
1
)
A
2
(
K
5
.
25
)
1
(
V
5
10
C
5
8
=
⋅
⋅
⋅
=
−
C
6 and C9 (both 10pF) are then added to increase gain
margin. Load transient responses of both channels are
observed using these values. There is very little inductor
current overshoot even with C
5 and C8 reduced to 470pF
and 220pF respectively (Figure 14). The measured overall
loop gain and phase plots of the converter are also
shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com