Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 10Page - Semtech Corporation SC2440 Datasheet HTML 11Page - Semtech Corporation SC2440 Datasheet HTML 12Page - Semtech Corporation SC2440 Datasheet HTML 13Page - Semtech Corporation SC2440 Datasheet HTML 14Page - Semtech Corporation SC2440 Datasheet HTML 15Page - Semtech Corporation SC2440 Datasheet HTML 16Page - Semtech Corporation SC2440 Datasheet HTML 17Page - Semtech Corporation SC2440 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Applications Information
The switch base current
â
I
1
â
I
SW
SW
≈
+
=
, where I
SW and β
are the switch emitter current and current gain
respectively, is drawn from the bootstrap capacitor C
BST.
Charge
â
T
I
ON
SW
is drawn from C
BST during the switch on
time, resulting in a voltage droop of
BST
ON
SW
âC
T
I
. If I
SW = 2A,
T
ON = 1µs, β = 35 and CBST = 0.1µF, then the
BST
C
V
droop
will be 0.57V. C
BST is refreshed to
RECT
BST
D
D
A
V
V
V
+
−
everyy
cycle, where A
V is the applied D
BST anode voltage. Switch
base current discharges the bootstrap capacitor to
BST
ON
SW
D
D
A
C
T
I
V
V
V
RECT
BST
β
−
+
−
at the end of conduction. The
difference between this voltage and that at SW must be
higher than the minimum shown in Figure 7 to maximize
efficiency. D
BST can be tied either to the input or to the
output of the DC/DC converter.
If D
BST is tied to the input, then the charge drawn from
the input power supply will be
β
ON
SW T
I
(the base charge
of the switch). The energy loss due to base charge per
cycle is
β
ON
IN
SW
T
V
I
for a power loss of
β
≈
β
OUT
SW
IN
SW
V
I
V
DI
.
If D
BST is tied to the output, then the charge drawn from
the output capacitor will still be
β
ON
SW T
I
. The energy loss
due to base charge per cycle is
β
ON
OUT
SW
T
V
I
for a power
Figure 8. Methods of Bootstrapping the SC2440.
MAX V
BST =
2V
I
N
MAX V
BST =
V
I
N+
V
OUT
MAX V
BST =
V
I
N +
V
S
MAX V
BST =
V
S
(a)
SC2440
BOOST
GND
IN
SW
DBST
VOUT
CBST
VIN
D
RECT
(b)
SC2440
BOOST
GND
IN
SW
DBST
VOUT
CBST
VIN
D
RECT
(d)
SC2440
BOOST
GND
IN
SW
DBST
VOUT
VIN
VS > VIN + 2.5V
D
RECT
SC2440
BOOST
GND
IN
SW
DBST
VOUT
CBST
VIN
VS > 2. 5V
(c)
D
RECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com