Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 11Page - Semtech Corporation SC2440 Datasheet HTML 12Page - Semtech Corporation SC2440 Datasheet HTML 13Page - Semtech Corporation SC2440 Datasheet HTML 14Page - Semtech Corporation SC2440 Datasheet HTML 15Page - Semtech Corporation SC2440 Datasheet HTML 16Page - Semtech Corporation SC2440 Datasheet HTML 17Page - Semtech Corporation SC2440 Datasheet HTML 18Page - Semtech Corporation SC2440 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Applications Information
loss of
β
OUT
SW V
DI
.
Since V
OUT < VIN, DBST should always be tied to VOUT (if
>2.5V) to maximize efficiency. Measurement of the 2-
channel regulator in Figure 1 shows that the efficiency
penalties are about 1.3% (V
OUT = 5V) and 2.2% (VOUT =
3.3V) with input bootstrapping. In general efficiency
penalty increases as D decreases.
Figure 8 summarizes various ways of bootstrapping the
SC2440. A fast switching PN diode (such as 1N4148 or
1N914) and a small (0.1µF – 0.47µF) ceramic capacitor
can be used. In Figure 8(a) the power switch is
bootstrapped from the output. This is the most efficient
configuration and it also results in the least voltage stress
at the BOOST pin. The maximum BOOST pin voltage is
about
OUT
IN V
V +
. If the output is below 2.8V, then D
BSTT
will preferably be a small Schottky diode (such as BAT-
54) to maximize bootstrap voltage. A 0.33-0.47µF
bootstrap capacitor may be needed to reduce droop.
Bench measurement shows that using Schottky
bootstrapping diode has no noticeable efficiency benefit.
The SC2440 can also be bootstrapped from the input
(Figure 8(b)). This configuration is not as efficient as Figure
8(a). However this may be only option if the output
voltage is less than 2.5V and there is no other supply
with voltage higher than 2.5V. Voltage stress at the
BOOST pin can be somewhat higher than 2V
IN. The BOOST
pin voltage should not exceed its absolute maximum
rating of 40V.
Figures 8(c) and (d) show how to bootstrap the SC2440
from a second independent power supply V
S with voltage
> 2.5V. D
BST in Figure 8(d) prevents start up difficulty if
V
IN comes up before VS.
Since the inductor current charges C
BST, the bootstrap
circuit requires some minimum load current to get going.
Figures 9(a) and 9(b) show the dependence of the
minimum input voltage required to properly bootstrap a
5V and a 3.3V converters on the load current. Once
started the bootstrap circuit is able to sustain itself down
to zero load.
Shutdown and Soft-Start
Each regulating channel of the SC2440 has its own soft-
start circuit. Pulling its soft-start pin below 0.8V with an
open-collector NPN or an open-drain NMOS transistor
turns off the corresponding regulator. The other regulator
continues to operate. With one channel turned off, the
internal bias circuit is kept alive. In the “Typical
Characteristics”, the soft-start pin current is plotted
against the soft-start voltage with V
IN = 5V. When one of
Figure 9. Minimum Input Voltage Required to Start and to Maintain Bootstrap.(T
A = 25°C).
Minimum Starting and
Sustaining VIN vs Load Current
4.5
5.0
5.5
6.0
6.5
7.0
7.5
1
10
100
1000
Load Current (mA)
D
BST TIED
TO OUTPUT
D
BST TIED
TO INPUT
V
OUT = 5V
STARTING
SUSTAINING
MA729
(a)
(b)
Minimum Starting and
Sustaining VIN vs Load Current
3.5
4.0
4.5
5.0
5.5
0.1
1.0
10.0
100.0
1000.0
Load Current (mA)
D
BST TIED
TO OUTPUT
D
BST TIED
TO INPUT
V
OUT = 3.3V
STARTING
SUSTAINING
MA729



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com