Electronic Components Datasheet Search
  English  ▼

X  

SC2440 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 6Page - Semtech Corporation SC2440 Datasheet HTML 7Page - Semtech Corporation SC2440 Datasheet HTML 8Page - Semtech Corporation SC2440 Datasheet HTML 9Page - Semtech Corporation SC2440 Datasheet HTML 10Page - Semtech Corporation SC2440 Datasheet HTML 11Page - Semtech Corporation SC2440 Datasheet HTML 12Page - Semtech Corporation SC2440 Datasheet HTML 13Page - Semtech Corporation SC2440 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Minimum On Time Consideration
The operating duty cycle of a step-down switching
regulator with diode rectifier in continuous-conduction
mode (CCM) is given by
CESAT
D
IN
D
OUT
V
V
V
V
V
D
−
+
+
=
(2)
where V
CESAT is the switch saturation voltage and VD is
voltage drop across the rectifying diode.
Duty cycle decreases with increasing
OUT
IN
V
V
ratio. In peak
current-mode control, the PWM modulating ramp is the
sensed current ramp of the power switch. This current
ramp is absent unless the switch is turned on. The
intersection of this ramp with the output of the voltage
feedback error amplifier determines the switch pulse
width. The propagation delay time required to
immediately turn off the switch after it is turned on is
the minimum switch on time (T
ON(MIN)). Closed-loop
measurement of the SC2440 with low
IN
OUT
V
V
ratios shows
that the minimum on time is about 105ns at room
temperature. T
ON(MIN) also exhibits a slight positive
temperature coefficient (Figure 6). The power switch in
the SC2440 is either not turned on at all or for at least
T
ON(MIN). If the required switch on time (=
f
D
) is shorter
than the minimum on time, the regulator will either skip
cycles or it will jitter.
Example: Determine the maximum operating frequency
of a dual 12V to 1.0V and 12V to 3.3V switching
regulator using the SC2440.
Assuming that V
D = 0.45V, VCESAT = 0.25V and VIN = 13.2V
(10% high line), the corresponding duty ratios, D
1 and
D
2, of the 1.0V and 3.3V converters can be calculated
using (2).
11
.
0
25
.
0
45
.
0
2
.
13
45
.
0
1
D1
=
−
+
+
=
Applications Information
28
.
0
25
.
0
45
.
0
2
.
13
45
.
0
3
.
3
D2
=
−
+
+
=
If the ambient temperature can be as high as 85°C, then
the maximum operating frequencies of the 1.0V and the
3.3V converters will be
KHz
920
ns
120
D1 =
and
MHz
3
.
2
ns
120
D2 =
respectively..
Channel frequency should be set below 920KHz to allow
margin for load transient.
Minimum Off Time Limitation
The PWM latch in Figure 2 is reset every period by the
clock. The clock also turns off the power transistor to
refresh the bootstrap capacitor. This minimum off time
limits the attainable duty cycle of the regulator at a given
switching frequency. Measurement shows that the power
transistor needs to be turned off for at least 120ns every
switching period to properly reset the latch and to refresh
the bootstrap capacitor. For a step-down converter, D
increases with increasing
IN
OUT
V
V
ratio. If the required duty
cycle is higher than the attainable maximum, then the
Figure 6. Variation of Minimum On Time with
Temperature.
Minimum On Time vs Temperature
80
90
100
110
120
130
-40
-20
0
20
40
60
80
100
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com