Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 102 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 102 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 98Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 99Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 100Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 101Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 102Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 103Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 104Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 105Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 106Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 286 page
background image
Chapter 4 Memory Management System
4-8
Table 4.2.2 32-bit and 64-bit Supervisor Mode Segments
Status Register
Bit Values
Address Bit
Values
KSU
EXL
ERL
SX
Segment
Name
Address Range
Segment Size
32-bit
A[31] = 0
012
0
0
0
suseg
0x0000 0000
through
0x7FFF FFFF
2 Gbytes
(2
31 bytes)
32-bit
A[31:29] = 1102
012
0
0
0
ssseg
0xC000 0000
through
0xDFFF FFFF
512 Mbytes
(2
29 bytes)
64-bit
A[63:62] = 002
012
0
0
1
xsuseg
0x0000 0000 0000 0000
through
0x0000 00FF FFFF FFFF
1 Tbytes
(2
40 bytes)
64-bit
A[63:62] = 012
012
0
0
1
xsseg
0x4000 0000 0000 0000
through
0x4000 00FF FFFF FFFF
1 Tbytes
(2
40 bytes)
64-bit
A[63:62] = 112
012
0
0
1
csseg
0xFFFF FFFF C000 0000
through
0xFFFF FFFF DFFF FFFF
512 Mbytes
(2
29 bytes)
32-bit Supervisor Mode, User Space (suseg)
In Supervisor mode, when SX = 0 in the Status register and the most-significant bit of the 32-bit virtual
address is set to 0, the suseg virtual address space is selected; it covers the full 2
31 bytes (2 Gbytes) of the
current user address space. The virtual address is extended with the contents of the 8-bit ASID field to
form a unique virtual address. This mapped space starts at virtual address 0x0000 0000 and runs through
0x7FFF FFFF.
32-bit Supervisor Mode, Supervisor Space (sseg)
In Supervisor mode, when SX = 0 in the Status register and the three most-significant bits of the 32-bit
virtual address are 1102, the sseg virtual address space is selected; it covers 2
29 bytes (512 Mbytes) of the
current supervisor address space. The virtual address is extended with the contents of the 8-bit ASID field
to form a unique virtual address. This mapped space begins at virtual address 0xC000 0000 and runs
through 0xDFFF FFFF.
64-bit Supervisor Mode, User Space (xsuseg)
In Supervisor mode, when SX = 1 in the Status register and bits 63-62 of the virtual address are set to
002, the xsuseg virtual address space is selected; it covers the full 2
40 bytes (1 Tbytes) of the current user
address space. The virtual address is extended with the contents of the 8-bit ASID field to form a unique
virtual address. This mapped space starts at virtual address 0x0000 0000 0000 0000 and runs through
0x0000 00FF FFFF FFFF.
64-bit Supervisor Mode, Current Supervisor Space (xsseg)
In Supervisor mode, when SX = 1 in the Status register and bits 63-62 of the virtual address are set to
012, the xsseg current supervisor virtual address space is selected. The virtual address is extended with the
contents of the 8-bit ASID field to form a unique virtual address. This mapped space begins at virtual
address 0x4000 0000 0000 0000 and runs through 0x4000 00FF FFFF FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com