Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 104 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 104 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 100Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 101Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 102Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 103Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 104Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 105Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 106Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 107Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 108Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 286 page
background image
Chapter 4 Memory Management System
4-10
Figure 4.2.3 Kernel Mode Address Space
Note 1: In 32-bit mode, bit 31 is sign-extended through bits 63-32. Failure results in an address error
exception.
Note 2: 0xff00_0000 through 0xff3f_ffff in 32-bit mode and 0xffff_ffff_ff00_0000 through 0xffff_ffff_ff3f_ffff in
64-bit mode are reserved (unmapped, uncached) for use by registers in the Debug Support Unit
and the processor’s peripherals.
kuseg
kseg0
kseg1
ksseg
kseg3
(Note 2)
0x 0000 0000
0x 8000 0000
0x A000 0000
0x C000 0000
0x E000 0000
0x FFFF FFFF
32-bit
(Note 1)
2 GB
Mapped
Cacheable
512 MB
Mapped
Cacheable
512 MB
Mapped
Cacheable
512 MB
Unmapped
Cacheable
512 MB
Unmapped
Uncached
0x FFFF FFFF E000 0000
0x 0000 0000 0000 0000
0x 0000 0100 0000 0000
0x 4000 0000 0000 0000
0x 4000 0100 0000 0000
0x 8000 0000 0000 0000
0x C000 0000 0000 0000
0x C000 00FF 8000 0000
0x FFFF FFFF 8000 0000
0x FFFF FFFF A000 0000
0x FFFF FFFF C000 0000
0x FFFF FFFF FFFF FFFF
xkuseg
xksseg
xkphys
xkseg
cksseg
ckseg0
ckseg1
ckseg3
(Note 2)
64-bit
512 MB
Mapped
Cacheable
512 MB
Mapped
Cacheable
1 TB
Mapped
Cacheable
1 TB
Mapped
Cacheable
Mapped
Cacheable
Unmapped
(For details see
figure 4.2.4)
Address
error
Address
error
Address
error
512 MB
Unmapped
Uncached
512 MB
Unmapped
Cacheable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com