Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 107 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 107 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 103Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 104Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 105Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 106Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 107Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 108Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 109Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 110Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 111Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 286 page
background image
Chapter 4 Memory Management System
4-13
32-bit Kernel Mode, Kernel Space 3 (kseg3)
In Kernel mode, when KX = 0 in the Status register and the most-significant three bits of the 32-bit vital
address are 1112, the kseg3 virtual address space is selected; it is the current 2
29 bytes (512 Mbytes-4
Mbytes) kernel virtual space. The virtual address is extended with the contents of the 8-bit ASID field to
form a unique virtual address.
Table 4.2.4 64-bit Kernel Mode Segments
Status Register
Is One Of These Values
Address
Bit Values
KSU
EXL
ERL
KX
Segment
Name
Address Range
Segment Size
A[63:62] = 002
1
xkuseg
0x0000 0000 0000 0000
through
0x0000 00FF FFFF FFFF
1 Tbytes
(2
40 bytes)
A[63:62] = 012
1
xksseg
0x4000 0000 0000 0000
through
0x4000 00FF FFFF FFFF
1 Tbytes
(2
40 bytes)
A[63:62] = 102
1
xkphys
0x8000 0000 0000 0000
through
0xBFFF FFFF FFFF FFFF
8
× 232 bytes
A[63:62] = 112
1
xkseg
0xC000 0000 0000 0000
through
0xC000 00FF 7FFF FFFF
2
40 –231 bytes
A[63:62] = 112
A[61:31] = -1
1
ckseg0
0xFFFF FFFF 8000 0000
through
0xFFFF FFFF 9FFF FFFF
512 Mbytes
(2
29 bytes)
A[63:62] = 112
A[61:31] = -1
1
ckseg1
0xFFFF FFFF A000 0000
through
0xFFFF FFFF BFFF FFFF
512 Mbytes
(2
29 bytes)
A[63:62] = 112
A[61:31] = -1
1
cksseg
0xFFFF FFFF C000 0000
through
0xFFFF FFFF DFFF FFFF
512 Mbytes
(2
29 bytes)
ckseg3
0xFFFF FFFF E000 0000
through
0xFFFF FFFF FFFF FFFF
512 Mbytes
-4 Mbyte
A[63:62] = 112
A[61:31] = -1
KSU = 002
or
EXL = 1
or
ERL = 1
1
Reserved
(Note)
0xFFFF FFFF FF00 0000
through
0xFFFF FFFF FF3F FFFF
4 Mbytes
Note : 0xffff_ffff_ff00_0000 through 0xffff_ffff_ff3f_ffff in 64-bit mode is reserved (unmapped, uncached) for
use by registers in the Debug Support Unit and the processor’s peripherals.
64-bit Kernel Mode, User Space (xkuseg)
In Kernel mode, when KX = 1 in the Status register and bits 63-62 of the 64-bit virtual address are 002,
the xkuseg virtual address space is selected; it covers the current user address space. The virtual address is
extended with the contents of the 8-bit ASID field to form a unique virtual address.
When ERL = 1 in the Status register, the user address region becomes a 2
31 bytes unmapped (that is,
mapped directly to physical addresses) uncached address space.
64-bit Kernel Mode, Current Supervisor Space (xksseg)
In Kernel mode, when KX = 1 in the Status register and bits 63-62 of the 64-bit virtual address are 012,
the xksseg virtual address space is selected; it is the current supervisor virtual space. The virtual address is
extended with the contents of the 8-bit ASID field to form a unique virtual address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com