Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 110 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 110 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 106Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 107Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 108Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 109Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 110Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 111Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 112Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 113Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 114Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 286 page
background image
Chapter 4 Memory Management System
4-16
4.3.3
Instruction-TLB
The processor has a 2-entry instruction TLB (ITLB). Each ITLB entry is a subset of any single JTLB
entry. The ITLB is completely invisible to software.
4.3.4
Data-TLB
The processor has a 4-entry data TLB (DTLB). Each DTLB entry is a subset of any single JTLB entry.
The DTLB is completely invisible to software.
4.4
Virtual-to-Physical Address Translation Process
During virtual-to-physical address translation, the CPU compares the 8-bit ASID (if the Global bit, G, is not
set) of the virtual address to the ASID of the TLB entry to see if there is a match. One of the following
comparisons are also made:
•
In 32-bit mode, the 7 to 19 bits (depending upon the page size) of the virtual address are compared to
the contents of the TLB VPN2 (virtual page number divided by two).
•
In 64-bit mode, the 15 to 27 bits (depending upon the page size) of the virtual address are compared
to the contents of the TLB VPN2 (virtual page number divided by two).
If a TLB entry matches, the physical address and access control bits (C, D, and V) are retrieved from the
matching TLB entry. While the V bit of the entry must be set for a valid translation to take place, it is not
involved in the determination of a matching TLB entry.
Figure 4.4.1 illustrates the TLB address translation process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com