Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 113 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 113 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 109Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 110Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 111Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 112Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 113Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 114Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 115Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 116Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 117Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 286 page
background image
Chapter 5 Cache Organization
5-1
5.
Cache Organization
This chapter describes in detail the cache memory: its place in the processor memory organization, and
individual organization of the caches.
This chapter uses the following terminology:
•
The data cache may also be referred to as the D-cache.
•
The instruction cache may also be referred to as the I-cache.
These terms are used interchangeably throughout this book.
5.1
Memory Organization
Figure 5.1.1 shows the processor system memory hierarchy. In the logical memory hierarchy, both primary
and secondary caches lie between the CPU and main memory. They are designed to make the speedup of
memory accesses transparent to the user.
Each functional block in Figure 5.1.1 has the capacity to hold more data than the block above it. For instance,
physical main memory has a larger capacity than the caches. At the same time, each functional block takes
longer to access than any block above it. For instance, it takes longer to access data in main memory than in the
CPU on-chip registers.
Figure 5.1.1 Logical Hierarchy of Memory
The processor has two on-chip caches: one holds instructions (the instruction cache), the other holds data
(the data cache). The instruction and data caches can be read in one CPUCLK cycle.
Data writes are pipelined and can complete at a rate of one per CPUCLK cycle. In the first stage of the cycle,
the store address is translated and the tag is checked; in the second stage, the data is written into the data RAM.
TX49 CPU
CPU Core
Core
I-cache
D-cache
Caches
Cache
Increasing Data
Capacity
Faster Access
Time
Memory
Peripherals
Main Memory
Disk, CD-ROM,
Tape, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com