Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 116 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 116 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 112Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 113Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 114Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 115Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 116Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 117Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 118Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 119Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 120Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 286 page
background image
Chapter 5 Cache Organization
5-4
5.2.6
Organization of the Data Cache (D-Cache)
Each line of D-cache data has an associated 24-bit tag.
The processor D-cache has the following characteristics:
•
Cache size: 32 KB
•
Four-way set associative
•
FIFO replacement
•
Indexed with a virtual address
•
Checked with a physical tag
•
Block (line) size: 8 words (32 bytes)
•
Burst size: 8 words (32 bytes)
•
Store buffer
•
Lockable on a per-line basis (way1 to way3)
•
Write-back or write-through on a per-page basis
•
All Write-back, CS, FIFO and Lock bits are cleared by a Reset exception
5.2.7
Data Cache Address Field
Figure 5.2.5 shows the data cache address field.
Figure 5.2.5 Data Cache Address Field
5.2.8
Data Cache Configuration
Each line in the 4 ways of the data cache share F1, F0 replacement bits. Figure 5.2.6 shows the format
of replacement bits. These bits are shared by way0, way1, way2 and way3 for 32 KB cache, and indicate
next set to which replacement will be directed; when Lock bit is set to 1, indicate this set is not locked.
Each line of data cache data has an associated 28-bit tag that contains a 24-bit physical address, a single
Lock bit, a single Write-back bit and a 2-bit cache state, except for the line in way0, which has an 27-bit
tag that excludes a Lock bit. Figure 5.2.7 shows the formats of tag and data pair.
Figure 5.2.6 Format of Replacement Bits
Cache Tag Index
(8 bits)
35
12
5
4
3
2
0
Physical Tag
(24 bits )
Word
(2 bits)
11
Byte
(3 bits)
10
F1
F0
F0: FIFO replace bit 0
F1: FIFO replace bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com