Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 119 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 119 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 115Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 116Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 117Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 118Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 119Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 120Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 121Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 122Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 123Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 286 page
background image
Chapter 5 Cache Organization
5-7
5.4
The Primary Cache Accessing
Figure 5.4.1 shows the virtual address (VA) index to the primary cache. Instruction cache size is 32 KB and
Data cache size is 32 KB. The virtual address bits be used to index into the primary cache decided by the cache
size.
Figure 5.4.1 Primary Cache Data and Tag Organization
5.5
Cache States
The section describes about the state of a cache line. The cache lines in the processor are in one of states
described in Table 5.5.1.
The I-Cache line is in one of the following states:
•
invalid
•
valid
The D-Cache line is in one of the following states:
•
invalid
•
valid
Table 5.5.1 Cache States
Cache Line State
Description
Invalid
A cache line that does not contain valid information must be marked invalid, and
cannot be used. A cache line in any other state than invalid is assumed to contain
valid information.
Valid
A cache line contains valid information. The cache line may or not be consistent
with memory and is owned by the processor (see “Cache Line Ownership” in this
chapter).
Tags
Tag line
Data
Data line
Instruction Cache: VA[12:5]
Data Cache:
VA[12:5]
Stage
WTag
VA[12:5]
VA[12:5]
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com