Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 123 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 123 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 119Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 120Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 121Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 122Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 123Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 124Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 125Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 126Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 127Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 286 page
background image
Chapter 5 Cache Organization
5-11
5.10.1
Cache Write Policy
The processor manages its data cache by using a write-back and a write-through policy. A write-back stores
write data into the cache, instead of writing it directly to memory. Some time later this data is
independently written into memory. In the processor implementation, a modified cache line is not written
back to memory until the cache line is to be replaced either in the course of satisfying a cache miss, or
during the execution of a write-back CACHE instruction.
When the processor writes a cache line back to memory, it does not ordinarily retain a copy of the cache
line, and the state of the cache line is changed to invalid.
A write-through is written simultaneously to cache and memory.
Selection of a write policy is done by the K0 bit in the Config register (Reg#16) for the kseg0 segment.
For the other segments, selection of a write policy is done by the C bits in each TLB entry.
5.10.2
Data Cache Line Replacement
Since the data cache uses a write-back and a write-through methodology, a cache line load is issued to
main memory on a load or store miss, as described below. After the data from memory is written to the
data cache, the pipeline resumes execution.
The processor does not support “Critical Data Word First”. Always it transfer the data of first address.
The data cache miss penalties, in number of CPUCLK cycles, are given in Table 5.10.2.
Table 5.10.2 Data Cache Miss Penalty Cycle Count
Number of
CPUCLK Cycles
Action
1
Stall the DC stage.
1
Transfer address to the write buffer and wait for the pipeline start signal
1-2
Transfer address to the internal SysAD bus on the GBUSCLK.
2
Transfer to the external SysAD bus.
M
Time needed to access memory, measured in CPUCLK cycles.
4
Transfer the cache line form memory to the SysAD bus.
2
Transfer the cache line from the external bus to the internal bus.
0
Restart the DC stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com