Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 124 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 124 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 120Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 121Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 122Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 123Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 124Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 125Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 126Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 127Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 128Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 286 page
background image
Chapter 5 Cache Organization
5-12
5.10.3
Instruction Cache Line Replacement
For an instruction cache miss, refill is done using sequential ordering, starting from the first word of the
retrieved cache line.
During an instruction cache miss, a memory read is issued. The requested line is returned from memory
and written to the instruction cache. At this time the pipeline resumes execution, and the instruction cache
is reaccessed.
The replacement sequence for an instruction cache miss is:
1.
Move the instruction physical address to the processor pads.
2.
Wait for a CPUCLK cycle, aligned with a GBUSCLK boundary, to occur.
3.
Read the line from memory and write it out to the instruction cache array.
4.
Restart the processor pipe.
The instruction cache miss penalties, in number of CPUCLK, is given in Table 5.10.3.
Table 5.10.3 Instruction Cache Miss Penalty Cycle Count
Number of
CPUCLK
Action
1
Stall the RF stage.
1
Transfer address to the write buffer and wait for the pipeline start signal.
1-2
Transfer to the external SysAD bus.
2
Transfer to the external SysAD bus.
M
Time needed to access memory, measured in CPUCLK cycles.
8
Transfer the cache line from memory to the SysAD bus.
2
Transfer the cache line from the external bus to the internal bus.
0
Restart the RF stage.
5.11 Manipulation of the Caches by an External Agent
The processor does not provide any mechanisms for an external agent to examine and manipulate the state
and contents of the caches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com