Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 127 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 127 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 123Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 124Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 125Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 126Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 127Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 128Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 129Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 130Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 131Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 286 page
background image
Chapter 7 Debug Support Unit
7-1
7.
Debug Support Unit
7.1
Features
1.
TX4956 can provide various kinds of execution controls and access to registers of TX49/H4 core through
EJTAG interface implemented by the debug support unit inside TX49/H4 Core.
2.
Supports DMA access through EJTAG interface to internal processor bus to access system memory.
3.
Debug functions
•
Instruction Address Break
•
Data Bus break
•
Processor Bus Break
•
Hardware Debug Interrupt
•
Reset, NMI, Interrupt Mask
7.2
EJTAG Interface
This interface consists of external signals for a Run Time Mode. The Run Time Mode provides functions
such as processor Run, STOP, Single Step, and access to internal registers and system memory.
About TX4956 EJTAG interface signals, see Table 2.2.7 “EJTAG Interface” on Chapter 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com