Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 131 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 131 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 127Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 128Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 129Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 130Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 131Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 132Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 133Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 134Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 135Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 286 page
background image
Chapter 8 CPU Exception
8-3
8.4
ColdReset Exception
8.4.1
Cause
This ColdReset exception occurs when the ColdReset* signal is asserted and then deasserted. This
exception is not maskable.
8.4.2
Processing
A special interrupt vector that resides in an unmapped and uncached area is used. It is therefore not
necessary for hardware to initialize TLB and cache memory in order to process this exception. The vector
location of this exception is:
•
In 32-bit mode, 0xbfc0 0000 (virtual address), 0x1fc0_0000 (physical address)
•
In 64-bit mode, 0xffff ffff bfc0 0000 (virtual address), 0x1fc0_0000 (physical address)
The most register’s contents are cleared when this exception occurs. The values of these bits are listed
into the table of Chapter 3.
Valid bits, Lock bits and FIFO replacement bits in the instruction cache are all cleared to 0. W bits, CS
bits, Lock bits and FIFO replacement bits in the data cache are all cleared to 0.
If a ColdReset exception occurs during bus cycle, the current bus cycle is aborted and an exception is
taken.
8.4.3
Servicing
The ColdReset exception is serviced by;
•
initializing all registers, coprocessor registers, caches and the memory system
•
performing diagnostic tests
•
bootstrapping the operating system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com