Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 133 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 133 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 129Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 130Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 131Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 132Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 133Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 134Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 135Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 136Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 137Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 286 page
background image
Chapter 8 CPU Exception
8-5
8.6
NMI (Non-maskable Interrupt) Exception
8.6.1
Cause
The NMI (Non-maskable Interrupt) exception occurs at the falling edge of the NMI* signal. This
interrupt is not maskable, and occurs regardless of the EXL, ERL and IE bits of the Status register.
8.6.2
Processing
The same special interrupt vector as for ColdReset/SoftReset exception (virtual address: 0xbfc0_0000/
0xffff_ffff_bfc0_0000). This vector is located within unmapped and uncached area so that the cache and
TLB need not be initialized to process this exception. When this exception occurs, the SR bit of Status
register is set.
Because NMI exception can occur in the midst of another exception, it is not normally possible to
continue program execution after servicing NMI exception.
Unlike the ColdReset/SoftReset exception, but like other exceptions, this exception occurs at an
instruction boundary. The state of the primary cache and memory system are preserved by this exception.
All register contents are retained except for the following.
•
ErrorEPC register, which contains the restart PC
If the exception-causing instruction is in a branch delay slot, the ErrorEPC register points at the
preceding branch instruction.
•
ERL, SR and BEV bits of the Status register, which is set to 1.
8.6.3
Servicing
The NMI exception is serviced by saving the current processor state for diagnostic purposes, and
reinitializing the system for the ColdReset exception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com