Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 134 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 134 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 130Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 131Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 132Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 133Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 134Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 135Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 136Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 137Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 138Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 286 page
background image
Chapter 8 CPU Exception
8-6
8.7
Address Error Exception
8.7.1
Cause
The Address Error exception occurs when an attempt is made to execute one of the following.
•
load or store a doubleword that is not aligned on a doubleword boundary
•
load, fetch or store a word that is not aligned on a word boundary
•
load or store a halfword that is not aligned on a halfword boundary
•
reference Kernel mode address while in User or Supervisor mode
•
reference Supervisor mode address while in User mode
This exception is not maskable.
8.7.2
Processing
The common exception vector (virtual address: 0x8000_0180/0xffff_ffff_8000_0180) is used.
ExcCode AdEL or AdES in Cause register is set depending on whether the memory access attempt was a
load or store. When this exception is raised, the misalign virtual address causing the exception, or the
protected virtual address that was illegally referenced, is placed in BadVAddr register. The contents of the
VPN field of Context and EntryHi registers are undefined, as are the contents of EntryLo register.
If EXL bit of Status register is only set to 0, the following operation is executed. EPC register points to
the address of the instruction causing the exception. If, however, the affected instruction was in the branch
delay slot (for execution during a branch), the immediately preceding branch instruction address is
retained in EPC register and BD bit of Cause register is set to 1.
8.7.3
Servicing
The process executing at the time is handed a segmentation violation signal. This error is usually fatal
to the process incurring the exception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com