| Electronic Components Datasheet Search |
|
TMPR4956C Datasheet(PDF) 130 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4956C Datasheet(HTML) 130 Page - Toshiba Semiconductor |
|
130 / 286 page ![]() Chapter 8 CPU Exception 8-2 8.3 Priority of Exception More than one exception may be raised for the same instruction, in which case only the exception with the highest priority is reported. The TX4956 Processor Core instruction exception priority is shown in Table 8.3.1. Table 8.3.1 Priority of Exception Priority Exception Mnemonic ColdReset SoftReset NMI Address error Inst. Fetch AdEL TLB refill Inst. Fetch TLBL TLB invalid Inst. Fetch TLBL Bus error Inst. Fetch IBE Integer overflow, Trap, System Call, Breakpoint, Reserved Instruction, Coprocessor Unusable, or Floating-Point Exception Ov, Tr, Sys, Bp, RI, CpU, FPE Address error Data access AdEL/AdES TLB refill Data access TLBL/TLBS TLB invalid Data access TLBL/TLBS TLB modified Data write Mod Bus error Data access DBE High Low Interrupt Int General exceptions (i.e., exceptions other than debug exceptions) are prioritized as follows: 1. If more than one exception condition occurs for a single instruction or a single cycle, only the exception with the highest priority is reported, as shown in Table 8.3.1 (from highest to lowest priority). 2. If two instructions cause exception conditions in the M and E stages of the pipeline simultaneously, the instruction in the M stage causes the processor to take an exception. 3. When 64-bit instructions are executed in 32-bit mode, the Reserved Instruction (RI) exception can occur simultaneous with other exception, as shown below. In that case, the RI exception is given precedence. • RI and CpU • RI and Ov • RI and AdEL/S (data) • RI and TLBL/S (data) General and debug exceptions are prioritized as follows: 1. If a general exception condition and a debug exception condition occur for a single instruction, the debug exception is serviced first, and then the general exception is serviced. 2. If two instructions cause exception conditions in the M and E stages of the pipeline simultaneously, only the instruction in the M stage generates an exception. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |