Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 117 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 117 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 113Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 114Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 115Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 116Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 117Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 118Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 119Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 120Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 121Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 286 page
background image
Chapter 5 Cache Organization
5-5
Figure 5.2.7 Format of Tag and Data Pair for D-cache
In the processor, the W (write-back) bit, not the cache state, indicates when the primary cache contents
modified data that must be written back to memory. The states Invalid and Dirty Exclusive are used to
describe the cache line. That is, there is no hardware support for cache coherency.
5.3
Lock Function
The lock function can be used to locate critical instruction/data in one instruction/data cache set and they are
not replaced when the Lock bit is set.
5.3.1
Lock Bit Setting and Clearing
Setting the Lock bit in each line cache enable the instruction/data cache lock function. When the lock
function is enabled, the instruction/data in the valid line is locked and never be replaced. The set to be
locked is pointed by FIFO bit. Refilled instruction/data during the lock function is enabled is locked.
When a store miss occurs for the write-through data cache without write allocate, the store data is not
written to the cache and will therefore not be locked.
The lock function is disabled by clearing the Lock bit in each line.
In order to clear or set the Lock bit in the cache, CACHE instructions (Index store I-cache /D-cache
Tag) can be used, and in order to load the instruction/data to cache from memory, another CACHE
instructions (Fill I-cache/D-cache) can be used (refer to CACHE instruction).
Clear the Lock bit as follows when data written to a locked line should be stored in main memory.
1)
Read the locked data from cache memory
2)
Clear the Lock bit
3)
Store the data that was read
23
25
26
0
24
23
63
Format for way0
00
63
0
63
63
0
25
26
27
0
24
63
Format for way1, 2 and 3
00
63
0
63
63
0
W
CS
PTag
DATA
DATA
DATA
DATA
W
CS
PTag
DATA
DATA
DATA
DATA
L
L: Lock bit (1: enable, 0: disable)
W: Write-back bit (set if cache line has written)
CS: Primary cache state (0: Invalid, 1: Reserved, 2: Reserved, 3: Valid)
PTag: Physical tag (bits 35-12 of the physical address)
Data: Data cache data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com