Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 115 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 115 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 111Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 112Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 113Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 114Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 115Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 116Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 117Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 118Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 119Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 286 page
background image
Chapter 5 Cache Organization
5-3
5.2.4
Instruction Cache Address Field
Figure 5.2.2 shows the instruction cache address field.
Figure 5.2.2 Instruction Cache Address Field
5.2.5
Instruction Cache Configuration
Each line in the 4 ways of the instruction cache share F1, F0 replacement bits. Figure 5.2.3 shows the
format of replacement bits. These bits are shared by way0, way1, way2 and way3 for 32 KB cache, and
indicate next set to which replacement will be directed; when lock bit is set to 1, indicate this set is not
locked.
Each line of instruction cache data has an associated 26-bit tag that contains a 24-bit physical address,
a single Lock bit and a single Valid bit, except for the line in way0, which has an 25-bit tag that excludes
a Lock bit. Figure 5.2.4 shows the formats of tag and data pair.
Figure 5.2.3 Format of Replacement Bits
Figure 5.2.4 Format of Tag and Data Pair for I-cache
10
F1
F0
F0: FIFO replace bit 0
F1: FIFO replace bit 1
25
0
24
23
0
63
0
63
0
63
0
63
Format for way0
0
24
23
0
63
0
63
0
63
0
63
Format for way1, 2 and 3
V
P Tag
Data
Data
Data
Data
V
P Tag
Data
Data
Data
Data
L
L: Lock bit (1: enable, 0: disable)
V: Valid bit (1: valid, 0: invalid)
PTag: Physical tag (bits 35-12 of the physical address)
Data: Instruction cache data
Cache Tag Index
(8 bits)
35
12
5
4
3
2
0
Physical Tag
(24 bits )
Word
(2 bits)
11
Byte
(3 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com