Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 183 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 183 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 179Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 180Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 181Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 182Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 183Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 184Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 185Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 186Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 187Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 286 page
background image
Chapter 11 TX4956 System Interface
11-15
11.2.8.4 Processor single write requests
There are three processor single write requests as follow below.
With later G2SConfig register, these modes are selected.
1.
R4000 compatible write
2.
Reissue write
3.
Pipeline write
Table 11.2.4 Data Transfer Rate, Data Pattern and Setting at single write requests
Maximum Data Transfer Rate
(64-bit width bus mode)
Data Pattern Setting Bits 2-1
Write mode
1 double word/3 MasterClock cycle
Dxx
00
R4000 compatible
Reserved
Reserved
01
Reserved
1 double word/1 MasterClock cycles
D
10
Pipeline write
1 double word/1 MasterClock cycles
D
11
Reissue write
Maximum Data Transfer Rate
(32-bit width bus mode)
Data Pattern Setting Bits 2-1
Write mode
1 word/3 MasterClock cycle
Wxx
00
R4000 compatible
Reserved
Reserved
01
Reserved
1 word/1 MasterClock cycles
W
10
Pipeline write
1 word/1 MasterClock cycles
W
11
Reissue write
Note:
The setting bits 2-1 is bits 2-1 of the G2Sconfig register (0xF FF10 0000).
Bits 2-1 is set to “00” when initialized.
1.
R4000 compatible write
When in the R4000 compatible write mode, 4 cycles are required for single write operation.
After the address is asserted for 1 cycle, it is followed by 2 cycles of dummy data. Figure
11.2.14 illustrates its basic operation.
In the case of the TX4956, the WrRdy* signal must be asserted for 1 cycle 2 cycles before the
write operation is issued. When in the R4000 compatible signal write mode, the external agent
receives the write data then immediately asserts WrRdy*, making it possible to stop write
operation that continues after 4 cycles. The 2 cycles of dummy data that follow these write data
give the external agent time to stop the next write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com